Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 177Page - Renesas Technology Corp 7630 Datasheet HTML 178Page - Renesas Technology Corp 7630 Datasheet HTML 179Page - Renesas Technology Corp 7630 Datasheet HTML 180Page - Renesas Technology Corp 7630 Datasheet HTML 181Page - Renesas Technology Corp 7630 Datasheet HTML 182Page - Renesas Technology Corp 7630 Datasheet HTML 183Page - Renesas Technology Corp 7630 Datasheet HTML 184Page - Renesas Technology Corp 7630 Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 238 page
background image
APPENDIX
3.2 Standard characteristics
3-10
7630 Group User’s Manual
3.2.2 Output current standard characteristics
Figures 3.2.5 and Figure 3.2.6 show the output current standard characteristics.
Fig. 3.2.5 Output current standard characteristics (P-channel)
Fig. 3.2.6 Output current standard characteristics (N-channel)
[Port P20 IOH–VOH characteristic (P-channel drive)]
(Pins with same characteristic: P0, P12–P17, P2, P30–P34, P4)
0.0
1.0
2.0
3.0
4.0
5.0
–40
–35
–30
0
“H” output voltage VOH [V]
–25
–20
–15
–10
–5
6.0
VCC = 5.5V, Ta = 25°C
VCC = 5.0V, Ta = 25°C
VCC = 4.0V, Ta = 25°C
[Port P20 IOL–VOL characteristic (N-channel drive)]
(Pins with same characteristic: P0, P12–P17, P2, P30–P34, P4)
0.0
1.0
2.0
3.0
4.0
5.0
40
35
30
0
“L” output voltage VOL [V]
25
20
15
10
5
6.0
VCC = 5.5V, Ta = 25°C
VCC = 5.0V, Ta = 25°C
VCC = 4.0V, Ta = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com