Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 179Page - Renesas Technology Corp 7630 Datasheet HTML 180Page - Renesas Technology Corp 7630 Datasheet HTML 181Page - Renesas Technology Corp 7630 Datasheet HTML 182Page - Renesas Technology Corp 7630 Datasheet HTML 183Page - Renesas Technology Corp 7630 Datasheet HTML 184Page - Renesas Technology Corp 7630 Datasheet HTML 185Page - Renesas Technology Corp 7630 Datasheet HTML 186Page - Renesas Technology Corp 7630 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 238 page
background image
APPENDIX
3.2 Standard characteristics
3-12
7630 Group User’s Manual
3.2.4 A-D conversion standard characteristics
Figure 3.2.9 shows the A-D conversion standard characteristics.
The lower-side line on the graph indicates the absolute precision error (ERROR). It represents the deviation
from the ideal value. For example, the conversion of output code from 0 to 1 occurs ideally at the point
of AN0 = 10 mV, but the measured value is –2 mV. Accordingly, the measured point of conversion is
represented as “10 – (–2) = 12 [mV]”.
The upper-side line on the graph indicates the width of input voltages (1 LSB WIDTH) equivalent to output
codes. For example, the measured width of the input voltage for output code 7 is 19 mV, so the differential
nonlinear error is represented as “19 – 20 = –1 [mV] (–0.05 LSB)”.
Fig. 3.2.9 A-D conversion standard characteristics
Measured when a power source voltage is stable in the single-chip mode and the high-speed mode
A-D CONVERTER STEP WIDTH MEASUREMENT
VCC = 5.12 V, VREF = 5.12 V
XIN = 10 MHz, Analog port P00
Temp. = 25 deg.
30
0
20
10
0
–10
–20
–30
8
16
24
32
40
48
56
64
72
80
88
96
104
112
120
128
128
136
144
152
160
168
176
184
192
200
208
216
224
232
240
248
256
30
20
10
0
–10
–20
–30
30
20
10
0
–10
–20
–30
30
20
10
0
–10
–20
–30
(+1LSB)
(–1LSB)
(+1LSB)
(–1LSB)
1LSB WIDTH
Absolute precision error
STEP No.
STEP No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com