Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 183Page - Renesas Technology Corp 7630 Datasheet HTML 184Page - Renesas Technology Corp 7630 Datasheet HTML 185Page - Renesas Technology Corp 7630 Datasheet HTML 186Page - Renesas Technology Corp 7630 Datasheet HTML 187Page - Renesas Technology Corp 7630 Datasheet HTML 188Page - Renesas Technology Corp 7630 Datasheet HTML 189Page - Renesas Technology Corp 7630 Datasheet HTML 190Page - Renesas Technology Corp 7630 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 238 page
background image
3-16
APPENDIX
3.3 Notes on use
7630 Group User’s Manual
NOP instruction
Set D flag to “1”
SEC, CLC, or CLD instruction
ADC or SBC instruction
(4) Execution of decimal calculations
The ADC and SBC are the only instructions which will yield proper decimal notation, set the decimal
mode flag (D) to “1” with the SED instruction. After executing the ADC or SBC instruction, execute
another instruction before executing the SEC, CLC, or CLD instruction.
(5) Notes on status flags in decimal mode
When decimal mode is selected, the values of
three of the flags in the status register (the N,
V, and Z flags) are invalid after a ADC or SBC
instruction is executed.
The carry flag (C) is set to “1” if a carry is
generated as a result of the calculation, or is
cleared to “0” if a borrow is generated. To
determine whether a calculation has generated
a carry, the C flag must be initialized to “0”
before each calculation. To check for a borrow,
the C flag must be initialezed to “1” before
each calculation.
(6) JPM instruction
When using the JMP instruction in indirect addressing mode, do not specify the last address on a
page as an indirect address.
(3) Detection of BRK instruction interrupt source
It can be detected that the BRK instruction
interrupt event or the least priority interrupt event
by referring the stored B flag state. Refer to
the stored B flag state in the interrupt routine.
Fig. 3.3.2 Interrupt routine
PS
(S)
(S) + 1
PCL(Low-order of program counter)
PCH(High-order of program counter)
1
= B flag
74
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com