Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 184Page - Renesas Technology Corp 7630 Datasheet HTML 185Page - Renesas Technology Corp 7630 Datasheet HTML 186Page - Renesas Technology Corp 7630 Datasheet HTML 187Page - Renesas Technology Corp 7630 Datasheet HTML 188Page - Renesas Technology Corp 7630 Datasheet HTML 189Page - Renesas Technology Corp 7630 Datasheet HTML 190Page - Renesas Technology Corp 7630 Datasheet HTML 191Page - Renesas Technology Corp 7630 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 238 page
background image
7630 Group User’s Manual
3-17
APPENDIX
3.4 Countermeasures against noise
3.4 Countermeasures against noise
Countermeasures against noise are described below. The following countermeasures are effective against
noise in theory, however, it is necessary not only to take measures as follows but to evaluate before actual use.
3.4.1 Shortest wiring length
The wiring on a printed circuit board can function as an antenna which feeds noise into the microcomputer.
The shorter the total wiring length (by mm unit), the less the possibility of noise insertion into a microcomputer.
____________
(1) Wiring for the RESET input pin
____________
Make the length of wiring which is connected to the RESET input pin as short as possible. Especially, connect
____________
a capacitor across the RESET input pin and the VSS pin with the shortest possible wiring (within 20mm).
Reason
____________
The width of a pulse input into the RESET pin is determined by the timing necessary conditions. If noise having
____________
a shorter pulse width than the standard is input to the RESET input pin, the reset is released before the internal
state of the microcomputer is completely initialized. This may cause a program runaway.
RESET
Reset
circuit
Noise
VSS
VSS
Reset
circuit
VSS
RESET
VSS
7630 group
7630 group
N.G.
O.K.
____________
Fig. 3.4.1 Wiring for the RESET input pin
(2) Wiring for clock input/output pins
• Make the length of wiring which is connected
to clock I/O pins as short as possible.
• Make the length of wiring (within 20mm) across
the grounding lead of a capacitor which is
connected to an oscillator and the VSS pin of
a microcomputer as short as possible.
• Separate the VSS pattern only for oscillation
from other VSS patterns.
Reason
If noise enters clock I/O pins, clock waveforms
may be deformed. This may cause a program
failure or program runaway. Also, if a potential
difference is caused by the noise between the
VSS level of a microcomputer and the VSS level
of an oscillator, the correct clock will not be input
in the microcomputer.
Fig. 3.4.2 Wiring for clock I/O pins
Noise
XIN
XOUT
VSS
XIN
XOUT
VSS
N.G.
O.K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com