Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 182Page - Renesas Technology Corp 7630 Datasheet HTML 183Page - Renesas Technology Corp 7630 Datasheet HTML 184Page - Renesas Technology Corp 7630 Datasheet HTML 185Page - Renesas Technology Corp 7630 Datasheet HTML 186Page - Renesas Technology Corp 7630 Datasheet HTML 187Page - Renesas Technology Corp 7630 Datasheet HTML 188Page - Renesas Technology Corp 7630 Datasheet HTML 189Page - Renesas Technology Corp 7630 Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 238 page
background image
3-15
APPENDIX
3.3 Notes on use
7630 Group User’s Manual
3.3.5 Notes on programming
(1) Initialization of processor status register
Flags which affect program execution must be
initialized after a reset.
In particular, it is essential to initialize the T
and D flags because they have an important
effect on calculations.
Reason
After a reset, the contents of the processor
status register (PS) are undefined except for
the I flag which is “1”.
Fig. 3.3.1 Stack memory contents after instruction
execution
(2) How to reference the processor status register
To reference the contents of the processor status
register (PS), execute the PHP instruction once
then read the contents of (S)+1. If necessary,
execute the PLP instruction to return the PS to
its original status. A NOP instruction must be
executed after every PLP instruction.
Reset
Main program
Initializing of flags
NOP
PLP instruction execution
Stored PS
(S)
(S) + 1
(2) Modifying output data with bit managing
When the data register (port latch) of an I/O port is modified with the bit managing instruction52, the
value of the unspecified bit may be changed.
Reason
The bit managing instructions are read-modify-write form instructions for reading and writing data by
a byte unit. Accordingly, when these instructions are executed on a bit of the port latch of an I/O port,
the following is executed to all bits of the data register.
• As for a bit which is set for an input port:
The pin state is read in the CPU, and is written to this bit after bit managing.
• As for a bit which is set for an output port:
The bit value is read in the CPU, and is written to this bit after bit managing.
Note the following :
• Even when a port which is set as an output port is changed for an input port, its data register holds
the output data.
• As for a bit of which is set for an input port, its value may be changed even when not specified
with a bit managing instruction in case where the pin state differs from its data register contents.
52 bit managing instructions : SEB, and CLB instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com