Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 181Page - Renesas Technology Corp 7630 Datasheet HTML 182Page - Renesas Technology Corp 7630 Datasheet HTML 183Page - Renesas Technology Corp 7630 Datasheet HTML 184Page - Renesas Technology Corp 7630 Datasheet HTML 185Page - Renesas Technology Corp 7630 Datasheet HTML 186Page - Renesas Technology Corp 7630 Datasheet HTML 187Page - Renesas Technology Corp 7630 Datasheet HTML 188Page - Renesas Technology Corp 7630 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 238 page
background image
3-14
APPENDIX
3.3 Notes on use
7630 Group User’s Manual
3.3.4 Notes on input and output pins
(1) Notes in stand-by state
In stand-by state51 for low-power dissipation, do not make input levels of an input port and an I/O port
“undefined,” especially for I/O ports of the P-channel and the N-channel open-drain.
Pull-up (connect the port to VCC) or pull-down (connect the port to VSS) these ports through a resistor.
When determining a resistance value, note the following:
• External circuit
• Variation of output levels during the ordinary operation
When using built-in pull-up or pull-down resistor, note on varied current values.
• When setting as an input port : Fix its input level.
• When setting as an output port : Prevent current from flow to the external.
51 stand-by state : The stop mode by executing the STP instruction or the wait mode by executing the
WIT instruction
Reason
Even when setting as an output port with its direction register, in the following state :
• P-channel......when the content of the data register (port latch) is “0”
•N-channel......when the content of the data register (port latch) is “1”
the transistor becomes the OFF state, which causes the ports to be the high-impedance state. Note
that the level becomes “undefined” depending on external circuits.
Accordingly, the potential which is input to the input buffer in a microcomputer is unstable in the state
that input levels of an input port and an I/O port are “undefined.” This may cause power source
current.
____________
3.3.3 Notes on RESET pin
____________
____________
In case where the RESET signal rise time is long, connect a ceramic capacitor or others across the RESET
pin and the VSS pin. And use a 1000 pF or more capacitor for high frequency use. When connecting the
capacitor, note the following :
• Make the length of the wiring which is connected to a capacitor as short as possible.
• Be sure to check the operation of application products on the user side.
Reason
____________
If the several nanosecond or several ten nanosecond impulse noise enters the RESET pin, it may cause a
microcomputer failure.
(2) AVSS pin
AVSS pin is the A-D converter power source pin. Regardless of using the A-D conversion function or
not, connect AVSS to the VSS line.
Reason
If the AVSS pin is opened, the microcomputer may have a failure because of noise or others.
(3) Clock frequency during an A-D conversion
The comparator consists of a capacity coupling, and a charge of the capacity will be lost if the clock
frequency is too low. Thus, make sure the following during an A-D conversion.
• f(XIN) is 500 kHz or more.
• Do not execute the STP instruction and WIT instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com