| Electronic Components Datasheet Search |
|
7630 Datasheet(PDF) 192 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7630 Datasheet(HTML) 192 Page - Renesas Technology Corp |
|
192 / 238 page ![]() 7630 Group User’s Manual 3-21 APPENDIX 3.4 Countermeasures against noise Fig. 3.4.10 Watchdog timer by software 3.4.6 Providing of watchdog timer function by software If a microcomputer runs away because of noise or others, it can be detected by a software watchdog timer and the microcomputer can be reset to normal operation. This is equal to or more effective than program runaway detection by a hardware watchdog timer. The following shows an example of a watchdog timer provided by software. In the following example, to reset a microcomputer to normal operation, the main routine detects errors of the interrupt processing routine and the interrupt processing routine detects errors of the main routine. This example assumes that interrupt processing is repeated multiple times in a single main routine processing. <The main routine> • Assigns a single byte of RAM to a software watchdog timer (SWDT) and writes the initial value N in the SWDT once at each execution of the main routine. The initial value N should satisfy the following condition: N+1 ≥ (Counts of interrupt processing executed in each main routine) As the main routine execution cycle may change because of an interrupt processing or others, the initial value N should have a margin. • Watches the operation of the interrupt processing routine by comparing the SWDT contents with counts of interrupt processing after the initial value N has been set. • Detects that the interrupt processing routine has failed and determines to branch to the program initialization routine for recovery processing in the following case: If the SWDT contents do not change after interrupt processing. <The interrupt processing routine> • Decrements the SWDT contents by 1 at each interrupt processing. • Determines that the main routine operates normally when the SWDT contents are reset to the initial value N at almost fixed cycles (at the fixed interrupt processing count). • Detects that the main routine has failed and determines to branch to the program initialization routine for recovery processing in the following case: If the SWDT contents are not initialized to the initial value N but continued to decrement and if they reach 0 or less. Main routine (SWDT) ← N CLI Main processing (SWDT)= N ? Interrupt processing routine errors ≠ N = N Interrupt processing routine (SWDT) ← (SWDT) – 1 Interrupt processing (SWDT) ≤ 0 ? > 0 ≤ 0 RTI Return Main routine errors |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |