Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 187Page - Renesas Technology Corp 7630 Datasheet HTML 188Page - Renesas Technology Corp 7630 Datasheet HTML 189Page - Renesas Technology Corp 7630 Datasheet HTML 190Page - Renesas Technology Corp 7630 Datasheet HTML 191Page - Renesas Technology Corp 7630 Datasheet HTML 192Page - Renesas Technology Corp 7630 Datasheet HTML 193Page - Renesas Technology Corp 7630 Datasheet HTML 194Page - Renesas Technology Corp 7630 Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 238 page
background image
7630 Group User’s Manual
3-20
APPENDIX
3.4 Countermeasures against noise
3.4.5 Setup for I/O ports
Setup I/O ports using hardware and software as
follows:
<Hardware>
• Connect a resistor of 100
Ω or more to an I/O
port in series.
<Software>
• As for an input port, read data several times by
a program for checking whether input levels are
equal or not.
• As for an output port, since the output data may
reverse because of noise, rewrite data to its data
register at fixed periods.
• Rewrite data to direction registers and pull-up
control registers (only the product having it) at
fixed periods.
When a direction register is set for input port again
at fixed periods, a several-nanosecond short pulse
may be output from this port. If this is undesirable,
connect a capacitor to this port to remove the noise
pulse.
Fig. 3.4.9
Setup for I/O ports
Direction register
Port latch
Data bus
I/O port
pins
Noise
Noise
N.G.
O.K.
(3) Oscillator protection using VSS pattern
As for a two-sided printed circuit board, print a
VSS pattern on the underside (soldering side)
of the position (on the component side) where
an oscillator is mounted.
Connect the VSS pattern to the microcomputer
VSS pin with the shortest possible wiring.
Besides, separate this VSS pattern from other
VSS patterns.
Fig. 3.4.8 VSS pattern on the underside of an
oscillator
XIN
XOUT
VSS
An example of VSS patterns on the
underside of a printed circuit board
Oscillator wiring
pattern example
Separate the VSS line for oscillation from other VSS lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com