Electronic Components Datasheet Search
  English  ▼

X  

HC210 Datasheet(PDF) 46 Page - Altera Corporation

Part # HC210
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210 Datasheet(HTML) 46 Page - Altera Corporation

Back Button HC210 Datasheet HTML 42Page - Altera Corporation HC210 Datasheet HTML 43Page - Altera Corporation HC210 Datasheet HTML 44Page - Altera Corporation HC210 Datasheet HTML 45Page - Altera Corporation HC210 Datasheet HTML 46Page - Altera Corporation HC210 Datasheet HTML 47Page - Altera Corporation HC210 Datasheet HTML 48Page - Altera Corporation HC210 Datasheet HTML 49Page - Altera Corporation HC210 Datasheet HTML 50Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 228 page
background image
4–4
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
I/O Standard
Specifications
Tables 4–5 through 4–27 show the HardCopy II device family’s I/O
standard specifications.
ICCIO0
VCCIO supply current
(standby)
VI = ground, no
load, no toggling
inputs
TJ = 25° C
HC210W
—
3 (3)
(5)
mA
HC210
—
3 (3)
(5)
mA
HC220
—
3 (3)
(5)
mA
HC230
—
3 (3)
(5)
mA
HC240
—
3 (3)
(5)
mA
RCONF(4)
Value of I/O pin
pull-up resistor
before and during
configuration
VI = 0; VCCIO = 3.3 V
—
10
25
50
k
Ω
VI = 0; VCCIO = 2.5 V
—
15
35
70
k
Ω
VI = 0; VCCIO = 1.8 V
—
30
50
100
k
Ω
VI = 0; VCCIO = 1.8 V
—
40
75
150
k
Ω
VI = 0; VCCIO = 1.2 V
—
50
90
170
k
Ω
Recommended value
of I/O pin external
pull-down resistor
before and during
configuration
——
—
1
2
k
Ω
—
—
—
Notes to Table 4–4:
(1)
Typical values are for TA = 25° C, VCCINT = 1.2 V, and VCCIO = 1.5-, 1.8-, 2.5-, and 3.3-V.
(2)
This value is specified for normal device operation. The value may vary during power-up. This applies for all
VCCIO settings (3.3-, 2.5-, 1.8-, and 1.5-V).
(3)
This specification is preliminary and pending further device characterization.
(4)
Pin pull-up resistor values will lower if an external source drives the pin higher than VCCIO.
(5)
Maximum values depend on the actual TJ and design utilization. See the PowerPlay Early Power Estimator or the
Quartus II PowerPlay Power Analyzer feature for maximum values.
Table 4–4. HardCopy II Device DC Operating Conditions
Note (1) (Part 2 of 2)
Symbol
Parameter
Conditions
Device
Minimum Typical
Maximum
Unit
Table 4–5. LVTTL Specifications (Part 1 of 2)
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
VCCIO (1)
Output-supply voltage
—
3.135
3.465
V
VIH
High-level input voltage
—
1.7
4.0
V
VIL
Low-level input voltage
—
-0.3
0.8
V
VOH
High-level output voltage
IOH = -4 mA (2), (3)
2.4
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com