Electronic Components Datasheet Search
  English  ▼

X  

HC210 Datasheet(PDF) 53 Page - Altera Corporation

Part # HC210
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210 Datasheet(HTML) 53 Page - Altera Corporation

Back Button HC210 Datasheet HTML 49Page - Altera Corporation HC210 Datasheet HTML 50Page - Altera Corporation HC210 Datasheet HTML 51Page - Altera Corporation HC210 Datasheet HTML 52Page - Altera Corporation HC210 Datasheet HTML 53Page - Altera Corporation HC210 Datasheet HTML 54Page - Altera Corporation HC210 Datasheet HTML 55Page - Altera Corporation HC210 Datasheet HTML 56Page - Altera Corporation HC210 Datasheet HTML 57Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 228 page
background image
Altera Corporation
4–11
September 2008
I/O Standard Specifications
Table 4–14. 3.3-V PCI Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VCCIO
Output-supply voltage
—
3
3.3
3.6
V
VIH
High-level input voltage
—
0.5 × VCCIO
—VCCIO + 0.5
V
VIL
Low-level input voltage
—
-0.3
—
0.3 × VCCIO
V
VOH
High-level output voltage
IOUT = -500 µA
0.9 × VCCIO
——
V
VOL
Low-level output voltage
IOUT = 1,500 µA
—
—
0.1 × VCCIO
V
Table 4–15. PCI-X Mode 1 Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VCCIO
Output-supply voltage
—
3
—
3.6
V
VIH
High-level input voltage
—
0.5 × VCCIO
—VCCIO + 0.5
V
VIL
Low-level input voltage
—
-0.3
—
0.35 × VCCIO
V
VIPU
Input pull-up voltage
—
0.7 × VCCIO
——
V
VOH
High-level output voltage
IOUT = -500 µA
0.9 × VCCIO
——
V
VOL
Low-level output voltage
IOUT = 1,500 µA
—
—
0.1 × VCCIO
V
Table 4–16. SSTL-18 Class I Specifications (Part 1 of 2)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VCCIO
Output-supply voltage
—
1.71
1.8
1.89
V
VREF
Reference voltage
—
0.855
0.9
0.945
V
VTT
Termination voltage
—
VREF – 0.04
VREF
VREF + 0.04
V
VIH(DC)
High-level DC input voltage
—
VREF + 0.125
—
—
V
VIL(DC)
Low-level DC input voltage
—
—
—
VREF – 0.125
V
VIH(AC)
High-level AC input voltage
—
VREF + 0.25
—
—
V
VIL(AC)
Low-level AC input voltage
—
—
—
VREF – 0.25
V
VOH
High-level output voltage
IOH = -6.7 mA (1), (2)
VTT + 0.475
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com