Electronic Components Datasheet Search
  English  ▼

X  

HC210 Datasheet(PDF) 90 Page - Altera Corporation

Part # HC210
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210 Datasheet(HTML) 90 Page - Altera Corporation

Back Button HC210 Datasheet HTML 86Page - Altera Corporation HC210 Datasheet HTML 87Page - Altera Corporation HC210 Datasheet HTML 88Page - Altera Corporation HC210 Datasheet HTML 89Page - Altera Corporation HC210 Datasheet HTML 90Page - Altera Corporation HC210 Datasheet HTML 91Page - Altera Corporation HC210 Datasheet HTML 92Page - Altera Corporation HC210 Datasheet HTML 93Page - Altera Corporation HC210 Datasheet HTML 94Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 228 page
background image
4–48
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
The dashed line (see Figure 4–4) shows the ESD current discharge path
during a positive ESD zap.
Figure 4–4. ESD Protection During Positive Voltage Zap
When the I/O pin receives a negative ESD zap at the pin that is less than
-0.7 V (0.7 V is the voltage drop across a diode), the intrinsic
P-Substrate/N+ drain diode is forward biased. Hence, the discharge
ESD current path is from GND to the I/O pin, as shown in Figure 4–5.
Figure 4–5. ESD Protection During Negative Voltage Zap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com