Electronic Components Datasheet Search
  English  ▼

X  

HC210 Datasheet(PDF) 85 Page - Altera Corporation

Part # HC210
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210 Datasheet(HTML) 85 Page - Altera Corporation

Back Button HC210 Datasheet HTML 81Page - Altera Corporation HC210 Datasheet HTML 82Page - Altera Corporation HC210 Datasheet HTML 83Page - Altera Corporation HC210 Datasheet HTML 84Page - Altera Corporation HC210 Datasheet HTML 85Page - Altera Corporation HC210 Datasheet HTML 86Page - Altera Corporation HC210 Datasheet HTML 87Page - Altera Corporation HC210 Datasheet HTML 88Page - Altera Corporation HC210 Datasheet HTML 89Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 228 page
background image
Altera Corporation
4–43
September 2008
External Memory Interface Specifications
Tables 4–45 through 4–51 contain HardCopy II device specifications for
the dedicated circuitry used for interfacing with external memory
devices.
Table 4–46 lists the maximum delay in the fast timing model for the
HardCopy II DQS delay buffer. Multiply the number of delay buffers that
you are using in the DQS logic block to get the maximum delay
achievable in your system. For example, if you implement a 90° phase
shift at 200 MHz, you use three delay buffers in mode 2. The maximum
achievable delay from the DQS block is then 3 × .416 ps = 1.248 ns.
Table 4–45. DLL Frequency Range Specifications
Frequency Mode
Frequency Range
Resolution (Degrees)
0
100 to 175
30
1
150 to 230
22.5
2
200 to 310
30
3
240 to 350
36
Table 4–46. DQS Delay Buffer Maximum Delay in Fast Timing Model
DLL Frequency Mode
Maximum Delay Per Delay Buffer
Unit
0
0.833
ns
1, 2, 3
0.416
ns
Table 4–47. DQS Period Jitter Specifications for DLL-Delayed Clock
(tDQS_JITTER)
Note (1)
Number of DQS Delay Buffer
Stages (2)
Commercial
Industrial
Unit
1
80
110
ps
2
110
130
ps
3
130
180
ps
4
160
210
ps
Notes to Table 4–47:
(1)
Peak-to-peak period jitter on the phase shifted DQS clock.
(2)
Delay stages used for requested DQS phase shift are reported in your project’s
Compilation Report in the Quartus II software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com