Electronic Components Datasheet Search
  English  ▼

X  

HC210 Datasheet(PDF) 76 Page - Altera Corporation

Part # HC210
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210 Datasheet(HTML) 76 Page - Altera Corporation

Back Button HC210 Datasheet HTML 72Page - Altera Corporation HC210 Datasheet HTML 73Page - Altera Corporation HC210 Datasheet HTML 74Page - Altera Corporation HC210 Datasheet HTML 75Page - Altera Corporation HC210 Datasheet HTML 76Page - Altera Corporation HC210 Datasheet HTML 77Page - Altera Corporation HC210 Datasheet HTML 78Page - Altera Corporation HC210 Datasheet HTML 79Page - Altera Corporation HC210 Datasheet HTML 80Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 228 page
background image
4–34
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
1.5-V Differential
HSTL Class I (3)
OCT 50
Ω
550
—
—
—
—
550
550
MHz
Notes to Table 4–37:
(1)
The toggle rate applies to 0 pF output load for all I/O standards except for LVDS and HyperTransport technology
on row I/O pins. For LVDS and HyperTransport technology on row I/O pins, the toggle rates apply to load from
0 to 5 pF.
(2)
CLK [1, 3, 9, 11] and FPLL_CLK are dedicated input clocks, and excluded from this table.
(3)
Like Stratix II devices, differential HSTL and SSTL is supported only on the column
CLK, PLL_OUT and memory
interface
DQS IOE pins. For HC210 and HC220, only the top column clock pins support Differential HSTL and
SSTL.
Table 4–37. HardCopy II Maximum Output Clock Rate for HC210, HC220, HC230 and HC240 Devices (OCT)
Note (1) (Part 2 of 2)
I/O Standard
Drive
Strength
Memory
Interface
IOEs
High
Speed
IOEs
General Purpose
IOEs
CLK [0,
2, 8,
10] (2)
CLK
[4..7,
12..15]
PLL_OUT
Unit
Bottom
Column
Right
Row
Table 4–38. HardCopy II Maximum Output Clock Rate for HC210W using OCT
Notes (1), (4) (Part 1 of 2)
I/O Standard
Drive
Strength
Memory
Interface
IOEs
High
Speed
IOEs
General Purpose
IOEs
CLK [0,
2, 8,
10] (2)
CLK
[4..7,
12..15]
PLL_OUT
Unit
Bottom
Column
Right
Row
3.3-V LVTTL
OCT 50
Ω
280
280
280
280
280
280
280
MHz
2.5-V LVTTL
OCT 50
Ω
245
245
245
245
245
245
245
MHz
1.8-V LVTTL
OCT 50
Ω
290
290
290
290
290
290
290
MHz
3.3-V LVCMOS
OCT 50
Ω
245
245
245
245
245
245
245
MHz
1.5-V LVCMOS
OCT 50
Ω
190
190
190
190
190
190
190
MHz
SSTL-2 Class I
OCT 50
Ω
280
—
—
—
—
280
280
MHz
SSTL-2 Class II
OCT 25
Ω
280
—
—
—
—
280
280
MHz
SSTL-18 Class I
OCT 50
Ω
230
—
—
—
—
230
230
MHz
SSTL-18 Class II OCT 25
Ω
220
—
—
—
—
220
220
MHz
1.5-V HSTL
Class I
OCT 50
Ω
190
—
—
—
—
190
190
MHz
1.8-V HSTL
Class I
OCT 50
Ω
270
—
—
—
—
270
270
MHz
1.8-V HSTL
Class II
OCT 50
Ω
210
—
—
—
—
210
210
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com