Electronic Components Datasheet Search
  English  ▼

X  

HC210 Datasheet(PDF) 18 Page - Altera Corporation

Part # HC210
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210 Datasheet(HTML) 18 Page - Altera Corporation

Back Button HC210 Datasheet HTML 14Page - Altera Corporation HC210 Datasheet HTML 15Page - Altera Corporation HC210 Datasheet HTML 16Page - Altera Corporation HC210 Datasheet HTML 17Page - Altera Corporation HC210 Datasheet HTML 18Page - Altera Corporation HC210 Datasheet HTML 19Page - Altera Corporation HC210 Datasheet HTML 20Page - Altera Corporation HC210 Datasheet HTML 21Page - Altera Corporation HC210 Datasheet HTML 22Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 228 page
background image
2–10
Altera Corporation
Preliminary
September 2008
HardCopy Series Handbook, Volume 1
Table 2–4. HardCopy II Embedded Memory Features
(Part 1 of 2) Notes (1), (2), (3)
Feature
M4K Blocks
M-RAM Blocks
Maximum performance (1), (4)
350 MHz
350 MHz
Total RAM bits (including parity bits)
4,608
589,824
Configurations
4K × 1
2K × 2
1K × 4
512 × 8
512 × 9
256 × 16
256 × 18
128 × 32
128 × 36
64K × 8
64K × 9
32K × 16
32K × 18
16K × 32
16K × 36
8K × 64
8K × 72
4K × 128
4K × 144
Parity bits
vv
Byte enable
vv
Pack mode
vv
Address clock enable
vv
Single-port memory
vv
Simple dual-port memory
vv
True dual-port memory
vv
Embedded shift register
v
ROM
v
FIFO buffer
vv
Simple dual-port mixed width support
vv
True dual-port mixed width support
vv
Memory initialization file (.mif)
Not supported, except in ROM
mode
Not supported
Mixed-clock mode
vv
Power-up condition (2)
Outputs unknown
Outputs unknown
Register clears (3)
Output registers only
Output registers only
Same-port read-during-write
New data available at positive clock
edge
New data available at positive clock
edge
Mixed-port read-during-write
Outputs set to unknown or old data Unknown output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com