Electronic Components Datasheet Search
  English  ▼

X  

HC210 Datasheet(PDF) 60 Page - Altera Corporation

Part # HC210
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210 Datasheet(HTML) 60 Page - Altera Corporation

Back Button HC210 Datasheet HTML 56Page - Altera Corporation HC210 Datasheet HTML 57Page - Altera Corporation HC210 Datasheet HTML 58Page - Altera Corporation HC210 Datasheet HTML 59Page - Altera Corporation HC210 Datasheet HTML 60Page - Altera Corporation HC210 Datasheet HTML 61Page - Altera Corporation HC210 Datasheet HTML 62Page - Altera Corporation HC210 Datasheet HTML 63Page - Altera Corporation HC210 Datasheet HTML 64Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 228 page
background image
4–18
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
Bus Hold
Specifications
Table 4–28 shows the HardCopy II device family’s bus hold
specifications.
VDIF (AC)
AC differential input voltage
—
0.4
—
VCCIO + 0.6 V
V
VOX (AC)
AC differential cross point voltage
—
0.68
—
0.9
V
Table 4–27. 1.8-V Differential HSTL Specifications (Part 2 of 2)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
Table 4–28. Bus Hold Parameters
Parameter
Conditions
VCCIO Level
Unit
1.5 V
1.8 V
2.5 V
3.3 V
Min
Max
Min
Max
Min
Max
Min
Max
Low
sustaining
current
VIN > VIL
(maximum)
25
—
30
—
50
—
70
—
µA
High
sustaining
current
VIN < VIH
(minimum)
-25
—
-30
—
-50
—
-70
—
µA
Low overdrive
current
0 V < VIN <
VCCIO
—
160
—
200
—
300
—
500
µA
High overdrive
current
0 V < VIN <
VCCIO
—
-160
—
-200
—
-300
—
-500
µA
Bus-hold
trip point
—
0.50
1.00
0.68
1.07
0.70
1.70
0.80
2.00
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com