| Electronic Components Datasheet Search |
|
HC210 Datasheet(PDF) 10 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
HC210 Datasheet(HTML) 10 Page - Altera Corporation |
|
10 / 228 page ![]() 2–2 Altera Corporation Preliminary September 2008 HardCopy Series Handbook, Volume 1 Functional Description The HardCopy II device family provides greater flexibility to design with FPGA prototypes before moving to structured ASICs for production. Before seamlessly migrating to the HardCopy II structured ASIC, designers can prototype and test their design functionality using a Stratix II FPGA. There are multiple options for the prototype FPGA, allowing designers to choose the right HardCopy II device for volume production and maximum cost savings. The Quartus II design software includes features such as the Device Resource Guide, to help select the optimal HardCopy II device based on the design requirements. f For more information on the Device Resource Guide, refer to the Quartus II Support for HardCopy II Devices chapter in the HardCopy Series Handbook. HardCopy II devices require minimal involvement from the designer in the device migration process. Additionally, unlike ASICs, the designer is not required to generate test benches, test vectors, or timing and functional simulations since prototyping is performed using an FPGA. HardCopy II devices consist of base arrays that are common to all designs for a particular device density, with design-specific customization done using two metal layers. The reprogrammable FPGA logic, routing, memory, and FPGA configuration-related logic are stripped from HardCopy II devices. Removing all programmable and configuration resources and replacing them with direct metal connections results in considerable die size reduction and cost savings. A fine-grain architecture consisting of an array of HCells extends the die reduction and cost FPGA prototype options EP2S30 EP2S60 EP2S90 EP2S30 EP2S60 EP2S90 EP2S60 EP2S90 EP2S130 EP2S90 EP2S130 EP2S180 EP2S180 Notes to Table 2–1: (1) HC210W devices use a wire bond package. All other HardCopy II devices and Stratix II FPGAs use a flip-chip package. Devices in a wire bond package offer different performance and signal integrity characteristics compared to devices in a flip-chip package. (2) This is the number of ASIC gates available in the HardCopy II base array for both logic and DSP functions that can be implemented in a Stratix II FPGA prototype. (3) Total number of usable M4K blocks is 768, which allows migration compatibility when prototyping with an EP2S180 device. This may be different from the Quartus II software total physical M4K count of the HC240. (4) The I/O pin counts include the dedicated clock input pins, which can be used for clock signals or data inputs. (5) The Quartus II I/O pin counts include an additional pin ( PLLENA), which is not available as a general-purpose I/O pin. The PLLENA pin can only be used to enable the PLLs. Table 2–1. HardCopy II Family Overview (Part 2 of 2) Feature HC210W (1) HC210 HC220 HC230 HC240 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |