Electronic Components Datasheet Search
  English  ▼

X  

HC210 Datasheet(PDF) 51 Page - Altera Corporation

Part # HC210
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210 Datasheet(HTML) 51 Page - Altera Corporation

Back Button HC210 Datasheet HTML 47Page - Altera Corporation HC210 Datasheet HTML 48Page - Altera Corporation HC210 Datasheet HTML 49Page - Altera Corporation HC210 Datasheet HTML 50Page - Altera Corporation HC210 Datasheet HTML 51Page - Altera Corporation HC210 Datasheet HTML 52Page - Altera Corporation HC210 Datasheet HTML 53Page - Altera Corporation HC210 Datasheet HTML 54Page - Altera Corporation HC210 Datasheet HTML 55Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 228 page
background image
Altera Corporation
4–9
September 2008
I/O Standard Specifications
Table 4–11. 3.3-V LVDS I/O Specifications
Note (1)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VCCIO
Output and feedback pins in PLL
banks 9, 10, 11, and 12 (2)
—
3.135
3.3
3.465
V
VID
Input differential voltage swing
(single-ended)
—
100
350
900
mV
VICM
Input common mode voltage
—
200
1,250
1,800
mV
VOD
Output differential voltage
(single-ended)
RL = 100
Ω
250
—
710
mV
VOCM
Output common mode voltage
RL = 100
Ω
0.84
—
1.570
V
RL
Receiver differential input discrete
resistor (external to HardCopy II
devices)
—
90
100
110
Ω
Notes to Table 4–11:
(1)
Like Stratix II devices, 3.3-V LVDS is supported by the top and bottom clock input differential buffers, and by the
PLL clock output and feedback pins.
(2)
The top and bottom clock input differential buffers in I/O banks 3, 4, 7, and 8 are powered by VCCINT, not VCCIO.
The PLL clock output and feedback differential buffers are powered by
VCC_PLLOUT. For differential clock output
and feedback operation, connect
VCC_PLLOUT to 3.3 V.
Table 4–12. LVPECL Specifications (Part 1 of 2)
Note (1)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VCCIO
I/O supply voltage for I/O
banks that support high-
speed IOEs (2)
—
3.135
3.3
3.465
V
VID (peak-
to-peak)
Input differential voltage
swing
(single-ended)
—
300
600
1,000
mV
VICM
Input common mode
voltage
RL = 100
Ω
1.0
—
2.5
mV
VOD
Output differential voltage
(single-ended)
RL = 100
Ω
525
—
970
mV
VOCM
Output common mode
voltage
RL = 100
Ω
1.650
—
2.275
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com