Electronic Components Datasheet Search
  English  ▼

X  

HC210 Datasheet(PDF) 57 Page - Altera Corporation

Part # HC210
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210 Datasheet(HTML) 57 Page - Altera Corporation

Back Button HC210 Datasheet HTML 53Page - Altera Corporation HC210 Datasheet HTML 54Page - Altera Corporation HC210 Datasheet HTML 55Page - Altera Corporation HC210 Datasheet HTML 56Page - Altera Corporation HC210 Datasheet HTML 57Page - Altera Corporation HC210 Datasheet HTML 58Page - Altera Corporation HC210 Datasheet HTML 59Page - Altera Corporation HC210 Datasheet HTML 60Page - Altera Corporation HC210 Datasheet HTML 61Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 228 page
background image
Altera Corporation
4–15
September 2008
I/O Standard Specifications
Table 4–22. 1.5-V HSTL Class I Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VCCIO
Output-supply voltage
—
1.425
1.5
1.575
V
VREF
Input reference voltage
—
0.713
0.75
0.788
V
VTT
Termination voltage
—
0.713
0.75
0.788
V
VIH (DC)
DC high-level input voltage
—
VREF + 0.1
—
—
V
VIL (DC)
DC low-level input voltage
—
-0.3
—
VREF – 0.1
V
VIH (AC)
AC high-level input voltage
—
VREF + 0.2
—
—
V
VIL(AC)
AC low-level input voltage
—
—
—
VREF – 0.2
V
VOH
High-level output voltage
IOH = 8 mA (1), (2)
VCCIO – 0.4
—
—
V
VOL
Low-level output voltage
IOL = -8 mA (1), (2)
——
0.4
V
Notes to Table 4–22:
(1)
This specification is supported across all the programmable drive settings available for this I/O standard as shown
in the I/O Structure and Features section located in the Description, Architecture, and Features chapter in volume 1 of
the HardCopy Series Devices Handbook.
(2)
Drive strength varies based on pin location. Refer to the Description, Architecture, and Features chapter in the
HardCopy II Device Family Data Sheet section in volume 1 of the HardCopy Series Handbook for more information.
Table 4–23. 1.5-V HSTL Class II Specifications (Part 1 of 2)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VCCIO
Output-supply voltage
—
1.425
1.5
1.575
V
VREF
Input reference voltage
—
0.713
0.75
0.788
V
VTT
Termination voltage
—
0.713
0.75
0.788
V
VIH (DC)
DC high-level input voltage
—
VREF + 0.1
—
—
V
VIL (DC)
DC low-level input voltage
—
-0.3
—
VREF – 0.1
V
VIH (AC)
AC high-level input voltage
—
VREF + 0.2
—
—
V
VIL (AC)
AC low-level input voltage
—
—
—
VREF – 0.2
V
VOH
High-level output voltage
IOH = 16 mA (1), (2)
VCCIO – 0.4
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com