Electronic Components Datasheet Search
  English  ▼

X  

HC210 Datasheet(PDF) 43 Page - Altera Corporation

Part # HC210
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210 Datasheet(HTML) 43 Page - Altera Corporation

Back Button HC210 Datasheet HTML 39Page - Altera Corporation HC210 Datasheet HTML 40Page - Altera Corporation HC210 Datasheet HTML 41Page - Altera Corporation HC210 Datasheet HTML 42Page - Altera Corporation HC210 Datasheet HTML 43Page - Altera Corporation HC210 Datasheet HTML 44Page - Altera Corporation HC210 Datasheet HTML 45Page - Altera Corporation HC210 Datasheet HTML 46Page - Altera Corporation HC210 Datasheet HTML 47Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 228 page
background image
Altera Corporation
4–1
September 2008
Preliminary
4. DC and Switching
Specifications and Operating
Conditions
Introduction
This chapter provides preliminary information on absolute maximum
ratings, recommended operating conditions, DC electrical characteristics,
and other specifications for HardCopy® II devices.
Absolute
Maximum
Ratings
HardCopy II devices are offered in both commercial and industrial
grades. All parameter limits are representative of worst-case supply
voltage and junction temperature conditions. Unless otherwise noted, the
parameter values in this chapter apply to all HardCopy II devices.
Table 4–1 contains the absolute maximum ratings for the HardCopy II
device family.
Table 4–1. HardCopy II Device Absolute Maximum Ratings
Notes (1), (2), (3)
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
VCCINT
Supply voltage
With respect to ground
-0.5
1.8
V
VCCIO
Supply voltage
With respect to ground
-0.5
4.6
V
VCCPD
Supply voltage
With respect to ground
-0.5
4.6
V
VCCA
Analog power supply for
PLLs
With respect to ground
-0.5
1.8
V
VCCD
Digital power supply for
PLLs
With respect to ground
-0.5
1.8
V
VI
DC input voltage(4)
—
-0.5
4.6
V
IOUT
DC output current, per pin
—
-25
40
mA
TSTG
Storage temperature
No bias
-65
150
°C
TJ
Junction temperature
Ball-grid array (BGA)
packages under bias
-55
125
°C
Notes to Table 4–1:
(1)
Refer to the Operating Requirements for Altera Devices Data Sheet for more information.
(2)
Conditions beyond those listed in Table 4–1 may cause permanent damage to a device. Additionally, device
operation at the absolute maximum ratings for extended periods of time may have adverse effects on the device.
(3)
Supply voltage specifications apply to voltage readings taken at the device pins, not at the power supply.
(4)
During transitions, the inputs may overshoot to the voltage shown in Table 4–2 based upon the input duty cycle.
The DC case is equivalent to a 100% duty cycle. During transitions, the inputs may undershoot to –2.0 V for input
currents less than 100 mA and periods shorter than 20 ns.
H51018-3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com