Electronic Components Datasheet Search
  English  ▼

X  

HC210 Datasheet(PDF) 19 Page - Altera Corporation

Part # HC210
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210 Datasheet(HTML) 19 Page - Altera Corporation

Back Button HC210 Datasheet HTML 15Page - Altera Corporation HC210 Datasheet HTML 16Page - Altera Corporation HC210 Datasheet HTML 17Page - Altera Corporation HC210 Datasheet HTML 18Page - Altera Corporation HC210 Datasheet HTML 19Page - Altera Corporation HC210 Datasheet HTML 20Page - Altera Corporation HC210 Datasheet HTML 21Page - Altera Corporation HC210 Datasheet HTML 22Page - Altera Corporation HC210 Datasheet HTML 23Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 228 page
background image
Altera Corporation
2–11
September 2008
Preliminary
PLLs and Clock Networks
Enhanced and Fast PLLs
The number of PLLs available differs based on density (Table 2–5).
The target HardCopy II device may not support the same number of
enhanced PLLs as the prototyping Stratix II FPGA. However, since
HardCopy II enhanced PLLs and fast PLLs offer a similar feature set
(Table 2–7 on page 2–13), a fast PLL could be used in place of an enhanced
PLL. The type of PLL used in the design should be chosen using the
Quartus II software to accommodate the resources available in the
HardCopy II device.
Table 2–6 shows which PLLs are available in each device density.
Figure 2–3 shows the location of each PLL. During the prototyping stage
using the FPGA, you must select the appropriate number of enhanced
and fast PLLs that will be used in your HardCopy II device. Use Table 2–6
to ensure that the FPGA prototyping design uses the same PLL resources
available in the HardCopy II device.
Note to Table 2–4:
(1)
Maximum performance information is preliminary until device characterization.
(2)
The memory cells power up randomly, so reads before writes are not valid. Make sure you write to the memory
location before you read it.
(3)
Even though the output register is cleared, the memory cells power up randomly. So reads before write are not
valid. Make sure you write to the memory location first before reading it.
(4)
Violating the setup or hold time requirements on the address registers could corrupt the memory contents. This
applies to both read and write operations.
Table 2–4. HardCopy II Embedded Memory Features
(Part 2 of 2) Notes (1), (2), (3)
Feature
M4K Blocks
M-RAM Blocks
Table 2–5. HardCopy II PLLs
Feature
HC210W
HC210
HC220
HC230
HC240
Enhanced PLLs
22244
Fast PLLs
22248
Table 2–6. HardCopy II PLLs Available
(Part 1 of 2)
Note (1)
Device
Fast PLLs
Enhanced PLLs
1
234
78
9
10
5
6
11
12
HC210W
vv
v
v
HC210
vv
v
v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com