Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 141 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 141 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 137Page - Intel Corporation 82G33 Datasheet HTML 138Page - Intel Corporation 82G33 Datasheet HTML 139Page - Intel Corporation 82G33 Datasheet HTML 140Page - Intel Corporation 82G33 Datasheet HTML 141Page - Intel Corporation 82G33 Datasheet HTML 142Page - Intel Corporation 82G33 Datasheet HTML 143Page - Intel Corporation 82G33 Datasheet HTML 144Page - Intel Corporation 82G33 Datasheet HTML 145Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 437 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
141
Bit
Access &
Default
Description
25
RW
0b
Refresh Counter Enable (REFCNTEN): This bit is used to enable
the refresh counter to count during times that DRAM is not in self-
refresh, but refreshes are not enabled. Such a condition may occur
due to need to reprogram DIMMs following DRAM controller switch.
This bit has no effect when Refresh is enabled (i.e., there is no mode
where Refresh is enabled but the counter does not run). Thus, in
conjunction with bit 23 REFEN, the modes are:
REFEN:REFCNTEN
Description
0:0
Normal refresh disable
0:1
Refresh disabled, but counter is accumulating
refreshes.
1:X
Normal refresh enable
24
RW
0b
All Rank Refresh (ALLRKREF):
This configuration bit enables (by default) that all the ranks are
refreshed in a staggered/atomic fashion. If set, the ranks are
refreshed in an independent fashion.
23
RW
0b
Refresh Enable (REFEN):
Refresh is enabled.
0 = Disabled
1 = Enabled
22
RW
0b
DDR Initialization Done (INITDONE): Indicates that DDR
initialization is complete.
0 = Not Done
1 = Done
21:20
RW
00b
Reserved
19:18
RW
00b
DRAM Refresh Panic Watermark (REFPANICWM): When the
refresh count exceeds this level, a refresh request is launched to the
scheduler and the dref_panic flag is set.
00 = 5
01 = 6
10 = 7
11 = 8
17:16
RW
00b
DRAM Refresh High Watermark (REFHIGHWM): When the refresh
count exceeds this level, a refresh request is launched to the
scheduler and the dref_high flag is set.
00 = 3
01 = 4
10 = 5
11 = 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com