Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 143 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 143 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 139Page - Intel Corporation 82G33 Datasheet HTML 140Page - Intel Corporation 82G33 Datasheet HTML 141Page - Intel Corporation 82G33 Datasheet HTML 142Page - Intel Corporation 82G33 Datasheet HTML 143Page - Intel Corporation 82G33 Datasheet HTML 144Page - Intel Corporation 82G33 Datasheet HTML 145Page - Intel Corporation 82G33 Datasheet HTML 146Page - Intel Corporation 82G33 Datasheet HTML 147Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 437 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
143
5.2.16
C1DRB0—Channel 1 DRAM Rank Boundary Address 0
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
600–601h
Default Value:
0000h
Access:
RW/L, RO
Size:
16 bits
The operation of this register is detailed in the description for register C0DRB0.
Bit
Access &
Default
Description
15:10
RO
000000b
Reserved
9:0
RW/L
000h
Channel 1 DRAM Rank Boundary Address 0 (C1DRBA0): See
C0DRB0 register. In stacked mode, if this is the topmost populated
rank in Channel 1, program this value to be cumulative of Ch0
DRB3.
This register is locked by ME stolen Memory lock.
5.2.17
C1DRB1—Channel 1 DRAM Rank Boundary Address 1
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
602–603h
Default Value:
0000h
Access:
RW/L, RO
Size:
16 bits
The operation of this register is detailed in the description for register C0DRB0.
Bit
Access &
Default
Description
15:10
RO
000000b
Reserved
9:0
RW/L
000h
Channel 1 DRAM Rank Boundary Address 1 (C1DRBA1): See
C0DRB1 register. In stacked mode, if this is the topmost populated
rank in Channel 1, program this value to be cumulative of Ch0 DRB3.
This register is locked by ME stolen Memory lock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com