Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 34 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 34 Page - Winbond

Back Button W97AH6KB Datasheet HTML 30Page - Winbond W97AH6KB Datasheet HTML 31Page - Winbond W97AH6KB Datasheet HTML 32Page - Winbond W97AH6KB Datasheet HTML 33Page - Winbond W97AH6KB Datasheet HTML 34Page - Winbond W97AH6KB Datasheet HTML 35Page - Winbond W97AH6KB Datasheet HTML 36Page - Winbond W97AH6KB Datasheet HTML 37Page - Winbond W97AH6KB Datasheet HTML 38Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 34 -
7.4.4
Reads Interrupted by a Read
For LPDDR2-S4 device, burst read can be interrupted by another read on even clock cycles after the Read
command, provided that tCCD is met.
7.4.4.1
Read Burst Interrupt Example: RL = 3, BL= 8, tCCD = 2
RL = 3
tCCD=2
Nop
Read
Nop
Nop
Nop
Nop
Nop
Nop
Col Addr A
DOUT A0
T8
T7
T6
T5
T4
T3
T2
T1
T0
Bank N
Col Addr A
Read
Bank N
Col Addr B Col Addr B
CA0-9
[Cmd]
DQS
CK_t / CK_c
DQS_c
DQS_t
DOUT A1
DOUT A2 DOUT A3
DOUT B0 DOUT B1
DOUT B2 DOUT B3
DOUT B4 DOUT B5
Notes:
1. For LPDDR2-S4 devices, read burst interrupt function is only allowed on burst of 8 and burst of 16.
2. For LPDDR2-S4 devices, read burst interrupt may occur on any clock cycle after the intial read command, provided that tCCD is met.
3. Reads can only be interrupted by other reads or the BST command.
4. Read burst interruption is allowed to any bank inside DRAM.
5. Read burst with Auto-Precharge is not allowed to be interrupted.
6. The effective burst length of the first read equals two times the number of clock cycles between the first read and the interrupting read.
7.4.5
Burst Write Operation
The Burst Write command is initiated by having CS_n LOW, CA0 HIGH, CA1 LOW and CA2 LOW at the rising edge
of the clock. The command address bus inputs, CA5r-CA6r and CA1f-CA9f, determine the starting column address
for the burst. The Write Latency (WL) is defined from the rising edge of the clock on which the Write Command is
issued to the rising edge of the clock from which the tDQSS delay is measured. The first valid data must be driven WL
* tCK + tDQSS from the rising edge of the clock from which the Write command is issued. The data strobe signal
(DQS) should be driven LOW tWPRE prior to the data input. The data bits of the burst cycle must be applied to the
DQ pins tDS prior to the respective edge of the DQS_t, DQS_c and held valid until tDH after that edge. The burst data
are sampled on successive edges of the DQS_t, DQS_c until the burst length is completed, which is 4, 8, or 16 bit
burst.
For LPDDR2-SDRAM devices, tWR must be satisfied before a precharge command to the same bank may be issued
after a burst write operation.
Input timings are measured relative to the crosspoint of DQS_t and its complement, DQS_c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com