Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 22 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 22 Page - Winbond

Back Button W97AH6KB Datasheet HTML 18Page - Winbond W97AH6KB Datasheet HTML 19Page - Winbond W97AH6KB Datasheet HTML 20Page - Winbond W97AH6KB Datasheet HTML 21Page - Winbond W97AH6KB Datasheet HTML 22Page - Winbond W97AH6KB Datasheet HTML 23Page - Winbond W97AH6KB Datasheet HTML 24Page - Winbond W97AH6KB Datasheet HTML 25Page - Winbond W97AH6KB Datasheet HTML 26Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 22 -
7.3.4
MR2_Device Feature 2 (MA[7:0] = 02H)
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
(RFU)
RL & WL
RL & WL
Write-only
OP[3:0]
0001b: RL = 3 / WL = 1 (default)
0010b: RL = 4 / WL = 2
0011b: RL = 5 / WL = 2
0100b: RL = 6 / WL = 3
0101b: RL = 7 / WL = 4
0110b: RL = 8 / WL = 4
All others: reserved
7.3.5
MR3_I/O Configuration 1 (MA[7:0] = 03H)
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
(RFU)
DS
DS
Write-only
OP[3:0]
0000b: reserved
0001b: 34.3-ohm typical
0010b: 40-ohm typical (default)
0011b: 48-ohm typical
0100b: 60-ohm typical
0101b: reserved
0110b: 80-ohm typical
0111b: 120-ohm typical
All others: reserved
7.3.6
MR4_Device Temperature (MA[7:0] = 04H)
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
TUF
(RFU)
SDRAM Refresh Rate
SDRAM
Refresh Rate
Read-only
OP[2:0]
000b: SDRAM Low temperature operating limit exceeded
001b: 4x tREFI, 4x tREFIpb, 4x tREFW
010b: 2x tREFI, 2x tREFIpb, 2x tREFW
011b: 1x tREFI, 1x tREFIpb, 1x tREFW (≤ 85°C)
100b: Reserved
101b: 0.25x tREFI, 0.25x tREFIpb, 0.25x tREFW, do not de-rate
SDRAM AC timing
110b: 0.25x tREFI, 0.25x tREFIpb, 0.25x tREFW, de-rate SDRAM
AC timing
111b: SDRAM High temperature operating limit exceeded
Temperature
Update Flag (TUF)
Read-only
OP7
0b: OP[2:0] value has not changed since last read of MR4.
1b: OP[2:0] value has changed since last read of MR4.
Notes:
1.
A Mode Register Read from MR4 will reset OP7 to ‘0’.
2.
OP7 is reset to ‘0’ at power-up.
3.
If
OP2 equals ‘1’, the device temperature is greater than 85°C.
4.
OP7 is set to ‘1’ if OP2:OP0 has changed at any time since the last read of MR4.
5.
LPDDR2 might not operate properly when OP[2:0] = 000b or 111b.
6.
For specified operating temperature range and maximum operating temperature, refer to
“Operating Temperature Conditions” table.
7.
LPDDR2 devices must be derated by adding 1.875 nS to the following core timing parameters: tRCD, tRC, tRAS, tRP, and tRRD. tDQSCK
shall be de-rated according to the tDQSCK de-rating value in
“LPDDR2 AC Timing” table. Prevailing clock frequency spec and related
setup and hold timings shall remain unchanged.
8.
The recommended frequency for reading MR4 is provided in
“Temperature Sensor” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com