Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 86 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 86 Page - Winbond

Back Button W97AH6KB Datasheet HTML 82Page - Winbond W97AH6KB Datasheet HTML 83Page - Winbond W97AH6KB Datasheet HTML 84Page - Winbond W97AH6KB Datasheet HTML 85Page - Winbond W97AH6KB Datasheet HTML 86Page - Winbond W97AH6KB Datasheet HTML 87Page - Winbond W97AH6KB Datasheet HTML 88Page - Winbond W97AH6KB Datasheet HTML 89Page - Winbond W97AH6KB Datasheet HTML 90Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 86 -
Note that while CA and DQ signal requirements are with respect to Vref, the single-ended components of differential
signals have a requirement with respect to VDDQ/2 for DQS_t, DQS_c and VDDCA/2 for CK_t, CK_c; this is nominally
the same. The transition of single-ended signals through the ac-levels is used to measure setup time. For single-
ended components of differential signals the requirement to reach VSEL(ac)max, VSEH(ac)min has no bearing on
timing, but adds a restriction on the common mode characteristics of these signals.
The signal ended requirements for CK_t, CK_c, DQS_t and DQS_c are found in 8.2.4.1.1
“Single-Ended AC and
DC Input Levels for CA and CS_n Inputs
” table and 8.2.4.1.3 “Single-Ended AC and DC Input Levels for DQ
and DM
” table, respectively.
Table of Single-Ended Levels for CK_t, DQS_t, CK_c, DQS_c
Symbol
Parameter
LPDDR2-800/1066
Unit
Notes
Min
Max
VSEH(AC)
Single-ended high-level for strobes
(VDDQ/2) + 0.220
Note 3
V
1, 2
Single-ended high-level for CK_t, CK_c
(VDDCA/2) + 0.220
Note 3
V
1, 2
VSEL(AC)
Single-ended low-level for strobes
Note 3
(VDDQ/2) - 0.220
V
1, 2
Single-ended low-level for CK_t, CK_c
Note 3
(VDDCA/2) - 0.220
V
1, 2
Notes:
1. For CK_t, CK_c use VSEH/VSEL(ac) of CA; for strobes (DQS0_t, DQS0_c, DQS1_t, DQS1_c, DQS2_t, DQS2_c, DQS3_t, DQS3_c) use
VIH/VIL(ac) of DQs.
2. VIH(ac)/VIL(ac) for DQs is based on VREFDQ; VSEH(ac)/VSEL(ac) for CA is based on VREFCA; if a reduced ac-high or ac-low level is used for
a signal group, then the reduced level applies also here.
3. These values are not defined, however the single-ended signals CK_t, CK_c, DQS0_t, DQS0_c, DQS1_t, DQS1_c, DQS2_t, DQS2_c,
DQS3_t, DQS3_c need to be within the respective limits (VIH(dc) max, VIL(dc)min) for single-ended signals as well as the limitations for
overshoot and undershoot. Refer to section 8.2.5.5
“Overshoot and Undershoot Specifications”.
8.2.4.6
Differential Input Cross Point Voltage
To guarantee tight setup and hold times as well as output skew parameters with respect to clock and strobe, each
cross point voltage of differential input signals (CK_t, CK_c and DQS_t, DQS_c) must meet the requirements of
above Single-ended levels for CK_t, DQS_t, CK_c, DQS_c table. The differential input cross point voltage VIX is
measured from the actual cross point of true and complement signals to the midlevel between of VDD and VSS.
VDDCA/2 or VDDQ/2
VSSCA or VSSQ
VDDCA or VDDQ
CK_c, DQS_c
CK_t, DQS_t
VIX
VIX
VIX
Figure of Vix Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com