Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 54 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 54 Page - Winbond

Back Button W97AH6KB Datasheet HTML 50Page - Winbond W97AH6KB Datasheet HTML 51Page - Winbond W97AH6KB Datasheet HTML 52Page - Winbond W97AH6KB Datasheet HTML 53Page - Winbond W97AH6KB Datasheet HTML 54Page - Winbond W97AH6KB Datasheet HTML 55Page - Winbond W97AH6KB Datasheet HTML 56Page - Winbond W97AH6KB Datasheet HTML 57Page - Winbond W97AH6KB Datasheet HTML 58Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 54 -
For LPDDR2 SDRAM, the maximum duration in power-down mode is only limited by the refresh requirements
outlined in section 7.4.16
“LPDDR2 SDRAM Refresh Requirements”, since no refresh operations are performed in
power-down mode.
2 tCK(min)
tIHCKE
tCKESR(min)
tISCKE
tIHCKE
Valid
Enter SR
NOP
NOP
NOP
Valid
Exit SR
Input clock frequency may be changed
or stopped during Self-Refresh
Enter Self-Refresh
Exit Self-Refresh
tXSR(min)
tISCKE
CKE
[Cmd]
CK_c
CK_t
CS_n
Figure of Self Refresh Operation
Notes:
1. Input clock frequency may be changed or stopped during self-refresh, provided that upon exiting self-refresh, a minimum of 2 clocks of stable
clock are provided and the clock frequency is between the minimum and maximum frequency for the particular speed grad
2.
Device must be in the “All banks idle” state prior to entering Self Refresh mode.
3. tXSR begins at the rising edge of the clock after CKE is driven HIGH.
4. A valid command may be issued only after tXSR is satisfied. NOPs shall be issued during tXSR.
7.4.18 Partial Array Self-Refresh: Bank Masking
Each bank of LPDDR2 SDRAM can be independently configured whether a self refresh operation is taking place.
One mode register unit of 8 bits accessible via MRW command is assigned to program the bank masking status of
each bank up to 8 banks. For bank masking bit assignments, see section 7.3.13 Mode Register 16
“MR16_PASR_Bank Mask (MA[7:0] = 10H)”.
The mask bit to the bank controls a refresh operation of entire memory within the bank. If a bank is masked via MRW,
a refresh operation to the entire bank is blocked and data retention by a bank is not guaranteed in self refresh mode.
To enable a refresh operation to
a bank, a coupled mask bit has to be programmed, “unmasked”. When a bank mask
bit is unmasked, a refresh to a bank is determined by the programmed status of segment mask bits.
7.4.19 Partial Array Self-Refresh: Segment Masking
Segment masking scheme may be used in place of or in combination with bank masking scheme in LPDDR2-S4
SDRAM. The number of segments differ by the density and the setting of each segment mask bit is applied across
all the banks. For segment masking bit assignments, see section 7.3.14 Mode Register 17
“MR17_PASR_Segment
Mask (MA[7:0] = 11H)
”.
For those refresh-enabled banks, a refresh operation to the address range which is represented by a segment is
blocked when the mask bit to this segment is programmed, “masked”. Programming of segment mask bits is similar
to the one of bank mask bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com