Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 17 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 17 Page - Winbond

Back Button W97AH6KB Datasheet HTML 13Page - Winbond W97AH6KB Datasheet HTML 14Page - Winbond W97AH6KB Datasheet HTML 15Page - Winbond W97AH6KB Datasheet HTML 16Page - Winbond W97AH6KB Datasheet HTML 17Page - Winbond W97AH6KB Datasheet HTML 18Page - Winbond W97AH6KB Datasheet HTML 19Page - Winbond W97AH6KB Datasheet HTML 20Page - Winbond W97AH6KB Datasheet HTML 21Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 17 -
7.2.2
Timing Parameters for Initialization
Symbol
Value
Unit
Comment
min
max
tINIT0
20
mS
Maximum Power Ramp Time
tINIT1
100
nS
Minimum CKE low time after completion of power ramp
tINIT2
5
tCK
Minimum stable clock before first CKE high
tINIT3
200
µS
Minimum Idle time after first CKE assertion
tINIT4
1
µS
Minimum Idle time after Reset command
tINIT5
10
µS
Maximum duration of Device Auto-Initialization
tZQINIT
1
µS
ZQ Initial Calibration for LPDDR2-S4
tCKb
18
100
nS
Clock cycle time during boot
7.2.3
Power Ramp and Initialization Sequence
*Midlevel on CA bus means : valid NOP
tINIT2 = 5 tCK (min)
tINIT3 = 200 μs (min)
tINIT1 = 100 ns (min)
tINIT0 = 20 ms (max)
tINIT4 = 1 μs (min)
tISCKE
tINIT5
Ta
Tb
Tc
Tg
Te
Td
RESET
ZQC
Valid
CK_t / CK_c
Supplies
CKE
CA*
DQ
PD
Tf
MRR
tZQINIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com