Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 77 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 77 Page - Winbond

Back Button W97AH6KB Datasheet HTML 73Page - Winbond W97AH6KB Datasheet HTML 74Page - Winbond W97AH6KB Datasheet HTML 75Page - Winbond W97AH6KB Datasheet HTML 76Page - Winbond W97AH6KB Datasheet HTML 77Page - Winbond W97AH6KB Datasheet HTML 78Page - Winbond W97AH6KB Datasheet HTML 79Page - Winbond W97AH6KB Datasheet HTML 80Page - Winbond W97AH6KB Datasheet HTML 81Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 77 -
7.5.4
Current State Bank n - Command to Bank m Truth Table
Current State of
Bank n
Command
for
Bank m
Operation
Next State for
Bank m
Notes
Any
NOP
Continue previous operation
Current State of Bank m
Idle
Any
Any command allowed to Bank m
-
18
Row Activating,
Active, or
Precharging
Activate
Select and activate row in Bank m
Active
7
Read
Select column, and start read burst from Bank m
Reading
8
Write
Select column, and start write burst to Bank m
Writing
8
Precharge
Deactivate row in bank or banks
Precharging
9
MRR
Read value from Mode Register
Idle MR Reading or
Active MR Readin
10, 11,
13
BST
Read or Write burst terminate an ongoing
Read/Write from/to Bank m
Active
18
Reading
(Autoprecharge
disabled)
Read
Select column, and start read burst from Bank m
Reading
8
Write
Select column, and start write burst to Bank m
Writing
8, 14
Activate
Select and activate row in Bank m
Active
Precharge
Deactivate row in bank or banks
Precharging
9
Writing
(Autoprecharge
disabled)
Read
Select column, and start read burst from Bank m
Reading
8, 16
Write
Select column, and start write burst to Bank m
Writing
8
Activate
Select and activate row in Bank m
Active
Precharge
Deactivate row in bank or banks
Precharging
9
Reading with
Autoprecharge
Read
Select column, and start read burst from Bank m
Reading
8, 15
Write
Select column, and start write burst to Bank m
Writing
8, 14, 15
Activate
Select and activate row in Bank m
Active
Precharge
Deactivate row in bank or banks
Precharging
9
Writing with
Autoprecharge
Read
Select column, and start read burst from Bank m
Reading
8, 15, 16
Write
Select column, and start write burst to Bank m
Writing
8, 15
Activate
Select and activate row in Bank m
Active
Precharge
Deactivate row in bank or banks
Precharging
9
Power On
Reset
Begin Device Auto-Initialization
Resetting
12, 17
Resetting
MRR
Read value from Mode Register
Resetting MR Reading
Notes:
1.
The table applies when both CKEn-1 and CKEn are HIGH, and after tXSR or tXP has been met if the previous state was Self Refresh or Power
Down.
2.
All states and sequences not shown are illegal or reserved.
3.
Current State Definitions:
Idle: the bank has been precharged, and tRP has been met.
Active: a row in the bank has been activated, and tRCD has been met. No data bursts/accesses and no register accesses are in progress.
Reading: a Read burst has been initiated, with Auto Precharge disabled, and has not yet terminated or been terminated.
Writing: a Write burst has been initiated, with Auto Precharge disabled, and has not yet terminated or been terminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com