Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 24 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 24 Page - Winbond

Back Button W97AH6KB Datasheet HTML 20Page - Winbond W97AH6KB Datasheet HTML 21Page - Winbond W97AH6KB Datasheet HTML 22Page - Winbond W97AH6KB Datasheet HTML 23Page - Winbond W97AH6KB Datasheet HTML 24Page - Winbond W97AH6KB Datasheet HTML 25Page - Winbond W97AH6KB Datasheet HTML 26Page - Winbond W97AH6KB Datasheet HTML 27Page - Winbond W97AH6KB Datasheet HTML 28Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 24 -
7.3.12 MR10_Calibration (MA[7:0] = 0AH)
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
Calibration Code
Calibration Code
Write-only
OP[7:0]
0xFF: Calibration command after initialization
0xAB: Long calibration
0x56: Short calibration
0xC3: ZQ Reset
others: Reserved
Notes:
1.
Host processor shall not write MR10 with “Reserved” values.
2.
LPDDR2 devices shall ignore calibration
command when a “Reserved” value is written into MR10.
3.
See AC timing table for the calibration latency.
4.
If ZQ is connected to VSSCA through RZQ, either the ZQ calibration function (see section 7.4.24
“Mode Register Write ZQ
Calibration Command
”) or default calibration (through the ZQreset command) is supported. If ZQ is connected to VDDCA, the
device operates with default calibration, and ZQ calibration commands are ignored. In both cases, the ZQ connection shall not
change after power is applied to the device.
5.
Optionally, the MRW ZQ Initialization Calibration command will update MR0 to indicate RZQ pin connection.
7.3.13 MR16_PASR_Bank Mask (MA[7:0] = 10H)
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
S4 SDRAM
Bank Mask (8-bank)
Bank [7:0] Mask
Write-only
OP[7:0]
0b: refresh enable to the bank (=unmasked, default)
1b: refresh blocked (=masked)
OP
Bank Mask
8-Bank S4 SDRAM
0
XXXXXXX1
Bank 0
1
XXXXXX1X
Bank 1
2
XXXXX1XX
Bank 2
3
XXXX1XXX
Bank 3
4
XXX1XXXX
Bank 4
5
XX1XXXXX
Bank 5
6
X1XXXXXX
Bank 6
7
1XXXXXXX
Bank 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com