Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 92 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 92 Page - Winbond

Back Button W97AH6KB Datasheet HTML 88Page - Winbond W97AH6KB Datasheet HTML 89Page - Winbond W97AH6KB Datasheet HTML 90Page - Winbond W97AH6KB Datasheet HTML 91Page - Winbond W97AH6KB Datasheet HTML 92Page - Winbond W97AH6KB Datasheet HTML 93Page - Winbond W97AH6KB Datasheet HTML 94Page - Winbond W97AH6KB Datasheet HTML 95Page - Winbond W97AH6KB Datasheet HTML 96Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 92 -
8.2.6
Output buffer Characteristics
8.2.6.1
HSUL_12 Driver Output Timing Reference Load
These ‘Timing Reference Loads’ are not intended as a precise representation of any particular system environment
or a depiction of the actual load presented by a production tester. System designers should use IBIS or other
simulation tools to correlate the timing reference load to a system environment. Manufacturers correlate to their
production test conditions, generally one or more coaxial transmission lines terminated at the tester electronics.
0.5 x VDDQ
Cload = 5pF
VREF
Output
LPDDR2
SDRAM
VTT = 0.5 x VDDQ
RTT = 50
Ω
Figure of HSUL_12 Driver Output Reference Load for Timing and Slew Rate
Note:
All output timing parameter values (like tDQSCK, tDQSQ, tQHS, tHZ, tRPRE etc.) are reported with respect to this
reference load. This reference load is also used to report slew rate.
8.2.6.2
RONPU and RONPD Resistor Definition
RONPU =
)
(
)
(
–
Iout
ABS
Vout
VDDQ
Note: This is under the condition that RONPD is turned off
RONPD =
)
(Iout
ABS
Vout
Note: This is under the condition that RONPU is turned off
Chip in Drive Mode
VDDQ
VSSQ
DQ
Output Driver
IPU
IPD
RONPU
RONPD
IOut
VOut
To
Other
Circuityrt
Like
RCV,
...
Figure of Output Driver Definition of Voltages and Currents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com