Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 47 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 47 Page - Winbond

Back Button W97AH6KB Datasheet HTML 43Page - Winbond W97AH6KB Datasheet HTML 44Page - Winbond W97AH6KB Datasheet HTML 45Page - Winbond W97AH6KB Datasheet HTML 46Page - Winbond W97AH6KB Datasheet HTML 47Page - Winbond W97AH6KB Datasheet HTML 48Page - Winbond W97AH6KB Datasheet HTML 49Page - Winbond W97AH6KB Datasheet HTML 50Page - Winbond W97AH6KB Datasheet HTML 51Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 47 -
7.4.15.1 Command Scheduling Separations Related to Refresh
Symbol
minimum delay from
to
Note
tRFCab
REFab
REFab
Activate cmd to any bank
REFpb
tRFCpb
REFpb
REFab
Activate cmd to same bank as REFpb
REFpb
tRRD
REFpb
Activate cmd to different bank than REFpb
Activate
REFpb affecting an idle bank (different bank than Activate)
1
Activate cmd to different bank than prior Activate
Note:
1. A bank must be in the Idle state before it is refreshed. Therefore, after Activate, REFab is not allowed and REFpb is allowed
only if it affects a bank which is in the Idle state.
7.4.16 LPDDR2 SDRAM Refresh Requirements
(1) Minimum number of Refresh commands:
The LPDDR2 SDRAM requires a minimum number of R Refresh (REFab) commands within any rolling Refresh
Window (tREFW = 32 mS
@ MR4[2:0] = “011” or TCASE ≤ 85°C). The required minimum number of Refresh
commands and resulting average refresh interval (tREFI) are given in 8.6.1
“Refresh Requirement Parameters”
table.
See Mode Register 4 for tREFW and tREFI refresh multipliers at different MR4 settings.
(2) Burst Refresh limitation:
To limit maximum current consumption, a maximum of 8 REFab commands may be issued in any rolling tREFBW
(tREFBW = 4 x 8 x tRFCab). This condition does not apply if REFpb commands are used.
(3) Refresh Requirements and Self-Refresh:
If any time within a refresh window is spent in Self-Refresh Mode, the number of required Refresh commands in this
particular window is reduced to:
R* = R - RU{tSRF / tREFI} = R - RU{R * tSRF / tREFW}; where RU stands for the round-up function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com