Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 81 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 81 Page - Winbond

Back Button W97AH6KB Datasheet HTML 77Page - Winbond W97AH6KB Datasheet HTML 78Page - Winbond W97AH6KB Datasheet HTML 79Page - Winbond W97AH6KB Datasheet HTML 80Page - Winbond W97AH6KB Datasheet HTML 81Page - Winbond W97AH6KB Datasheet HTML 82Page - Winbond W97AH6KB Datasheet HTML 83Page - Winbond W97AH6KB Datasheet HTML 84Page - Winbond W97AH6KB Datasheet HTML 85Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 81 -
8.2.4.1.2
Single-Ended AC and DC Input Levels for CKE
Symbol
Parameter
Min
Max
Unit
Note
VIHCKE
CKE Input High Level
0.8 * VDDCA
Note 1
V
1
VILCKE
CKE Input Low Level
Note 1
0.2 * VDDCA
V
1
Note 1: See section 8.2.5.5
“Overshoot and Undershoot Specifications”.
8.2.4.1.3
Single-Ended AC and DC Input Levels for DQ and DM
Symbol
Parameter
LPDDR2-1066/LPDDR2-800
Unit
Notes
Min
Max
VIHDQ(AC)
AC input logic high
Vref + 0.220
Note 2
V
1, 2
VILDQ(AC)
AC input logic low
Note 2
Vref - 0.220
V
1, 2
VIHDQ(DC)
DC input logic high
Vref + 0.130
VDDQ
V
1
VILDQ(DC)
DC input logic low
VSSQ
Vref - 0.130
V
1
VRefDQ(DC)
Reference Voltage for DQ, DM inputs
0.49 * VDDQ
0.51 * VDDQ
V
3, 4
Notes:
1. For DQ input only pins. Vref = VrefDQ(DC).
2. See section 8.2.5.5
“Overshoot and Undershoot Specifications”.
3. The ac peak noise on VRefDQ may not allow VRefDQ to deviate from VRefDQ(DC) by more than ± 1% VDDQ (for reference: approx.
±12 mV).
4. For reference: approx. VDDQ/2 ± 12 mV.
8.2.4.2
Vref Tolerances
The DC tolerance limits and ac-noise limits for the reference voltages VRefCA and VRefDQ are illustrated in below
“VRef(DC) Tolerance and VRef AC-Noise Limits” figure. It shows a valid reference voltage VRef(t) as a function of
time. (VRef stands for VRefCA and VRefDQ likewise). VDD stands for VDDCA for VRefCA and VDDQ for VRefDQ.
VRef(DC) is the linear average of VRef(t) over a very long period of time (e.g. 1 sec) and is specified as a fraction of
the linear average of VDDQ or VDDCA also over a very long period of time (e.g. 1 sec). This average has to meet the
min/max requirements in 8.2.4.1.1
“Single-Ended AC and DC Input Levels for CA and CS_n Inputs” table.
Furthermore VRef(t) may temporarily deviate from VRef(DC) by no more than ± 1% VDD. Vref(t) cannot track noise on
VDDQ or VDDCA if this would send Vref outside these specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com