Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 10 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 10 Page - Winbond

Back Button W97AH6KB Datasheet HTML 6Page - Winbond W97AH6KB Datasheet HTML 7Page - Winbond W97AH6KB Datasheet HTML 8Page - Winbond W97AH6KB Datasheet HTML 9Page - Winbond W97AH6KB Datasheet HTML 10Page - Winbond W97AH6KB Datasheet HTML 11Page - Winbond W97AH6KB Datasheet HTML 12Page - Winbond W97AH6KB Datasheet HTML 13Page - Winbond W97AH6KB Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 10 -
5.
PIN DESCRIPTION
5.1
Basic Functionality
Name
Type
Description
CK_t, CK_c
Input
Clock: CK_t and CK_c are differential clock inputs. All Double Data Rate (DDR) CA inputs are sampled on both
positive and negative edge of CK_t. Single Data Rate (SDR) inputs, CS_n and CKE, are sampled at the positive
Clock edge.
Clock is defined as the differential pair, CK_t and CK_c. The positive Clock edge is defined by the crosspoint of a
rising CK_t and a falling CK_c. The negative Clock edge is defined by the crosspoint of a falling CK_t and a rising
CK_c.
CKE
Input
Clock Enable: CKE HIGH activates and CKE LOW deactivates internal clock signals and therefore device input
buffers and output drivers. Power savings modes are entered and exited through CKE transitions.
CKE is considered part of the command code. See 7.5.1
“Command Truth Table” for command code
descriptions.
CKE is sampled at the positive Clock edge.
CS_n
Input
Chip Select: CS_n is considered part of the command code. See 7.5.1 “Command Truth Table” for
command code descriptions.
CS_n is sampled at the positive Clock edge.
CA[n:0]
Input
DDR Command/Address Inputs: Uni-directional command/address bus inputs.
CA is considered part of the command code. See 7.5.1
“Command Truth Table” for command code
descriptions.
DQ[n:0]
I/O
Data Inputs/Output: Bi-directional data bus. n=15 for 16 bits DQ; n=31 for 32 bits DQ.
DQSn_t,
DQSn_c
I/O
Data Strobe (Bi-directional, Differential):
The data strobe is bi-directional (used for read and write data) and differential (DQS_t and DQS_c). It is output
with read data and input with write data. DQS_t is edge-aligned to read data and centered with write data.
For x16, DQS0_t and DQS0_c correspond to the data on DQ0-7; DQS1_t and DQS1_c to the data on DQ8-15.
For x32 DQS0_t and DQS0_c correspond to the data on DQ0-7; DQS1_t and DQS1_c to the data on DQ8-15;
DQS2_t and DQS2_c to the data on DQ16-23; DQS3_t and DQS3_c to the data on DQ24-31.
DMn
Input
Input Data Mask:
DM is the input mask signal for write data. Input data is masked when DM is sampled HIGH coincident with that
input data during a Write access. DM is sampled on both edges of DQS_t. Although DM is for input only, the DM
loading shall match the DQ and DQS (or DQS_c).
DM0 is the input data mask signal for the data on DQ0-7.
For x16 and x32 devices, DM1 is the input data mask signal for the data on DQ8-15.
For x32 devices, DM2 is the input data mask signal for the data on DQ16-23 and DM3 is the input data mask
signal for the data on DQ24-31.
VDD1
Supply
Core Power Supply 1: Power supply for core
.
VDD2
Supply
Core Power Supply 2: Power supply for core.
VDDCA
Supply
Input Receiver Power Supply: Power supply for CA[n:0], CKE, CS_n, CK_t, and CK_c input buffers.
VDDQ
Supply
I/O Power Supply: Power supply for Data input/output buffers.
VREF(CA)
Supply
Reference Voltage for CA Command and Control Input Receiver: Reference voltage for all
CA[n:0], CKE, CS_n, CK_t, and CK_c input buffers.
VREF(DQ)
Supply
Reference Voltage for DQ Input Receiver: Reference voltage for all Data input buffers.
VSS
Supply
Ground
VSSCA
Supply
Ground for CA Input Receivers
VSSQ
Supply
I/O Ground
ZQ
I/O
Reference Pin for Output Drive Strength Calibration
Note: Data includes DQ and DM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com