Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 82 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 82 Page - Winbond

Back Button W97AH6KB Datasheet HTML 78Page - Winbond W97AH6KB Datasheet HTML 79Page - Winbond W97AH6KB Datasheet HTML 80Page - Winbond W97AH6KB Datasheet HTML 81Page - Winbond W97AH6KB Datasheet HTML 82Page - Winbond W97AH6KB Datasheet HTML 83Page - Winbond W97AH6KB Datasheet HTML 84Page - Winbond W97AH6KB Datasheet HTML 85Page - Winbond W97AH6KB Datasheet HTML 86Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 82 -
8.2.4.2.1
VRef(DC) Tolerance and VRef AC-Noise Limits
VRef ac-noise
VRef (DC)max
VRef (DC)min
VRef (t)
VDD
VSS
VRef (DC)
voltage
time
VDD/2
The voltage levels for setup and hold time measurements VIH(AC), VIH(DC), VIL(AC) and VIL(DC) are dependent on VRef.
“VRef” shall be understood as VRef(DC), as defined in above “VRef(DC) Tolerance and VRef AC-Noise Limits”
figure.
This clarifies that dc-variations of VRef affect the absolute voltage a signal has to reach to achieve a valid high or low
level and therefore the time to which setup and hold is measured. Devices will function correctly with appropriate
timing deratings with VREF outside these specified levels so long as VREF is maintained between 0.44 x VDDQ (or
VDDCA) and 0.56 x VDDQ (or VDDCA) and so long as the controller achieves the required single-ended AC and DC
input levels from instantaneous VRef (see 8.2.4.1.1
“Single-Ended AC and DC Input Levels for CA and CS_n
Inputs
” table and 8.2.4.1.3 “Single-Ended AC and DC Input Levels for DQ and DM” table) Therefore, system
timing and voltage budgets need to account for VREF deviations outside of this range.
This also clarifies that the LPDDR2 setup/hold specification and derating values need to include time and voltage
associated with VRef ac-noise. Timing and voltage effects due to ac-noise on VRef up to the specified limit (± 1% of
VDD) are included in LPDDR2 timings and their associated deratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com