Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 38 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 38 Page - Winbond

Back Button W97AH6KB Datasheet HTML 34Page - Winbond W97AH6KB Datasheet HTML 35Page - Winbond W97AH6KB Datasheet HTML 36Page - Winbond W97AH6KB Datasheet HTML 37Page - Winbond W97AH6KB Datasheet HTML 38Page - Winbond W97AH6KB Datasheet HTML 39Page - Winbond W97AH6KB Datasheet HTML 40Page - Winbond W97AH6KB Datasheet HTML 41Page - Winbond W97AH6KB Datasheet HTML 42Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 38 -
7.4.7.1
Burst Write Truncated by BST: WL = 1, BL = 16
CA0-9
[Cmd]
Nop
BST
Nop
Nop
Nop
Nop
Nop
Nop
Write
DQS
WL=1
Bank M
Col Addr A Col Addr A
DIN A0
DIN A1
T0
T1
T2
T3
T4
T5
T6
T7
T8
WL*tCK+tDQSS
CK_t / CK_c
DQS_c
DQS_t
DIN A2
DIN A3
DIN A4
DIN A5
DIN A6
DIN A7
BST not allowed
Notes:
1. The BST command truncates an ongoing write burst WL * tCK + tDQSS after the rising edge of the clock where the Burst Terminate command
is issued.
2. For LPDDR2-S4 devices, BST can only be issued at even number of clock cycles after the Write command.
3. Additional BST commands are not allowed after T4 and may not be issued until after the next Read or Write command.
7.4.7.2
Burst Read Truncated by BST: RL = 3, BL = 16
CA0-9
[Cmd]
Nop
BST
Nop
Nop
Nop
Nop
Nop
Nop
Read
DQS
RL = 3
Bank N
Col Addr A Col Addr A
T0
T1
T2
T3
T4
T5
T6
T7
T8
RL*tCK+tDQSCK+tDQSQ
CK_t / CK_c
DQS_c
DQS_t
DOUT A2
DOUT A1
DOUT A0
DOUT A3
DOUT A4
DOUT A5
DOUT A6
DOUT A7
BST not allowed
Notes:
1. The BST command truncates an ongoing read burst RL * tCK + tDQSCK + tDQSQ after the rising edge of the clock where the Burst Terminate
command is issued.
2. For LPDDR2-S4 devices, BST can only be issued at even number of clock cycles after the Read command.
3. Additional BST commands are not allowed after T4 and may not be issued until after the next Read or Write command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com