Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 16 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 16 Page - Winbond

Back Button W97AH6KB Datasheet HTML 12Page - Winbond W97AH6KB Datasheet HTML 13Page - Winbond W97AH6KB Datasheet HTML 14Page - Winbond W97AH6KB Datasheet HTML 15Page - Winbond W97AH6KB Datasheet HTML 16Page - Winbond W97AH6KB Datasheet HTML 17Page - Winbond W97AH6KB Datasheet HTML 18Page - Winbond W97AH6KB Datasheet HTML 19Page - Winbond W97AH6KB Datasheet HTML 20Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 16 -
3. Reset command
After tINIT3 is satisfied, a MRW(Reset) command shall be issued (Td). The memory controller may optionally issue a
Precharge-All command prior to the MRW Reset command. Wait for at least tINIT4 = 1 µS while keeping CKE
asserted and issuing NOP commands.
4. Mode Registers Reads and Device Auto-Initialization (DAI) polling:
After tINIT4 is satisfied (Te) only MRR commands and power-down entry/exit commands are allowed. Therefore, after
Te, CKE may go low in accordance to Power-Down entry and exit specification (see section 7.4.25
“Power-Down”).
The MRR command may be used to poll the DAI-bit to acknowledge when Device Auto-Initialization is complete or
the memory controller shall wait a minimum of tINIT5 before proceeding.
As the memory output buffers are not properly configured yet, some AC parameters may have relaxed timings before
the system is appropriately configured.
After the DAI-
bit (MR#0, “DAI”) is set to zero “DAI complete” by the memory device, the device is in idle state (Tf).
The state of the DAI status bit can be determined by an MRR command to MR#0.
The LPDDR2 SDRAM device will set the DAI-bit no later than tINIT5 (10 µS) after the Reset command. The memory
controller shall wait a minimum of tINIT5 or until the DAI-bit is set before proceeding.
After the DAI-Bit is set, it is recommended to determine the device type and other device characteristics by issuing
MRR commands (MR0 “Device Information” etc.).
5. ZQ Calibration:
After tINIT5 (Tf), an MRW ZQ Initialization Calibration command may be issued to the memory (MR10). This
command is used to calibrate the LPDDR2 output drivers (RON) over process, voltage, and temperature. Optionally,
the MRW ZQ Initialization Calibration command will update MR0 to indicate RZQ pin connection. In systems in which
more than one LPDDR2 device exists on the same bus, the controller must not overlap ZQ Calibration commands.
The device is ready for normal operation after tZQINIT.
6. Normal Operation:
After tZQINIT (Tg), MRW commands may be used to properly configure the memory, for example the output buffer
driver strength, latencies etc. Specifically, MR1, MR2, and MR3 shall be set to configure the memory for the target
frequency and memory configuration.
The LPDDR2 device will now be in IDLE state and ready for any valid command.
After Tg, the clock frequency may be changed according to the clock frequency change procedure described in
section 7.4.27
“Input Clock Stop and Frequency Change”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com