Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 59 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 59 Page - Winbond

Back Button W97AH6KB Datasheet HTML 55Page - Winbond W97AH6KB Datasheet HTML 56Page - Winbond W97AH6KB Datasheet HTML 57Page - Winbond W97AH6KB Datasheet HTML 58Page - Winbond W97AH6KB Datasheet HTML 59Page - Winbond W97AH6KB Datasheet HTML 60Page - Winbond W97AH6KB Datasheet HTML 61Page - Winbond W97AH6KB Datasheet HTML 62Page - Winbond W97AH6KB Datasheet HTML 63Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 59 -
7.4.21.1 Temperature Sensor Timing
Temp
Device
Temp
Margin
MR4
Trip Level
Temperature
Sensor
Update
Host
MR4 Read
MRR MR4=0x03
MR4=0x03
MR4=0x86
MR4=0x86
MR4=0x86
MR4=0x86
MR4=0x06
Readlnterval
MRR MR4=0x86
tTSI
Time
SysRespDelay
2°C
< (tTSI + Readlnterval + SysRespDelay)
Tem
pGra
dien
t
7.4.21.2 DQ Calibration
LPDDR2 device features a DQ Calibration function that outputs one of two predefined system timing calibration
patterns. A Mod
e Register Read to MR32 (Pattern “A”) or MR40 (Pattern “B”) will return the specified pattern on
D Q [ 0 ] a n d D Q [ 8 ] f o r x 1 6 d e v i c e s , a n d D Q [ 0 ] , D Q [ 8 ] , D Q [ 1 6 ] , a n d D Q [ 2 4 ] f o r x 3 2 d e v i c e s .
For x16 devices, DQ[7:1] and DQ[15:9] may optionally drive the same information as DQ[0] or may drive 0b during
the MRR burst. For x32 devices, DQ[7:1], DQ[15:9], DQ[23:17], and DQ[31:25] may optionally drive the same
information as DQ[0] or may drive 0b during the MRR burst.
For LPDDR2-S4 devices, MRR DQ Calibration commands may only occur in the Idle state.
Table of Data Calibration Pattern Description
Pattern
MR#
Bit Time 0 Bit Time 1 Bit Time 2 Bit Time 3
Description
Pattern A
MR32
1
0
1
0
Read to MR32 return DQ calibration pattern A
Pattern B
MR40
0
0
1
1
Read to MR40 return DQ calibration pattern B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com