Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 80 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 80 Page - Winbond

Back Button W97AH6KB Datasheet HTML 76Page - Winbond W97AH6KB Datasheet HTML 77Page - Winbond W97AH6KB Datasheet HTML 78Page - Winbond W97AH6KB Datasheet HTML 79Page - Winbond W97AH6KB Datasheet HTML 80Page - Winbond W97AH6KB Datasheet HTML 81Page - Winbond W97AH6KB Datasheet HTML 82Page - Winbond W97AH6KB Datasheet HTML 83Page - Winbond W97AH6KB Datasheet HTML 84Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 80 -
8.2.2
Input Leakage Current
Parameter/Condition
Symbol
Min
Max
Unit
Notes
Input Leakage current
For CA, CKE, CS_n, CK_t, CK_c
Any input 0V
≤ VIN ≤ VDDCA
(All other pins not under test = 0V)
IL
-2
2
µA
2
VREF supply leakage current
VREFDQ = VDDQ/2 or VREFCA = VDDCA/2
(All other pins not under test = 0V)
IVREF
-1
1
µA
1
Notes:
1. The minimum limit requirement is for testing purposes. The leakage current on VREFCA and VREFDQ pins should be minimal.
2. Although DM is for input only, the DM leakage shall match the DQ and DQS_t/DQS_c output leakage specification.
8.2.3
Operating Temperature Conditions
Parameter/Condition
Symbol
Min
Max
Unit
Standard
TOPER
-40
85
°C
Extended
85
105
°C
Notes:
1. Operating Temperature is the case surface temperature on the center/top side of the LPDDR2 device. For the measurement conditions, please
refer to JESD51-2 standard.
2. Some applications require operation of LPDDR2 in the maximum temperature conditons in the Extended Temperature Range between 85°C
and 105°C case temperature. For LPDDR2 devices, some derating is neccessary to operate in this range. See the MR4 Device Temperature
(MA[7:0] = 04h) table.
3. Either the device operating temperature or the temperature sensor (See section 7.4.21
“Temperature Sensor”) may be used to set an
appropriate refresh rate, determine the need for AC timing derating and/or monitor the operating temperature. When using the temperature
sensor, the actual device case temperature may be higher than the TOPER rating that applies for the Standard or Extended Temperature
Ranges. For example, TCASE may be above 85ºC when the temperature sensor indicates a temperature of less than 85°C.
4. All parts list in section 3 ordering information table will not guarantee to meet AC specification in the range of extended temperature range.
8.2.4
AC and DC Input Measurement Levels
8.2.4.1
AC and DC Logic Input Levels for Single-Ended Signals
8.2.4.1.1
Single-Ended AC and DC Input Levels for CA and CS_n Inputs
Symbol
Parameter
LPDDR2-800/1066
Unit
Notes
Min
Max
VIHCA(AC)
AC input logic high
Vref + 0.220
Note 2
V
1, 2
VILCA(AC)
AC input logic low
Note 2
Vref - 0.220
V
1, 2
VIHCA(DC)
DC input logic high
Vref + 0.130
VDDCA
V
1
VILCA(DC)
DC input logic low
VSSCA
Vref - 0.130
V
1
VRefCA(DC)
Reference Voltage for CA and CS_n inputs
0.49 * VDDCA
0.51 * VDDCA
V
3, 4
Notes:
1. For CA and CS_n input only pins. Vref = VrefCA(DC).
2. See section 8.2.5.5
“Overshoot and Undershoot Specifications”.
3. The ac peak noise on VRefCA may not allow VRefCA to deviate from VRefCA(DC) by more than ± 1% VDDCA (for reference: approx.
± 12 mV).
4. For reference: approx. VDDCA/2 ± 12 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com