Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 36 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 36 Page - Winbond

Back Button W97AH6KB Datasheet HTML 32Page - Winbond W97AH6KB Datasheet HTML 33Page - Winbond W97AH6KB Datasheet HTML 34Page - Winbond W97AH6KB Datasheet HTML 35Page - Winbond W97AH6KB Datasheet HTML 36Page - Winbond W97AH6KB Datasheet HTML 37Page - Winbond W97AH6KB Datasheet HTML 38Page - Winbond W97AH6KB Datasheet HTML 39Page - Winbond W97AH6KB Datasheet HTML 40Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 36 -
7.4.5.3
Burst Wirte Followed by Burst Read: RL = 3, WL= 1, BL= 4
CK_t / CK_c
CA0-9
[Cmd]
Nop
Read
Nop
Nop
Nop
Nop
Nop
Nop
Write
DQS_c
DQS
tWTR
Bank M
Col Addr A Col Addr A
DIN A0
DIN A1
DIN A2
DIN A3
T0
T1
T2
T3
T4
T5
T6
T7
T8
WL = 1
Bank N
Col Addr B Col Addr B
RL = 3
DQS_t
Notes:
1.
The minimum number of clock cycles from the burst write command to the burst read command for any bank is [WL + 1 + BL/2 +
RU( tWTR/tCK)].
2.
tWTR starts at the rising edge of the clock after the last valid input datum.
3.
If a write burst is truncated with a Burst Terminate (BST) command, the effective burst length of the truncated write burst should be
used as “BL” to calculate the minimum write to read delay.
7.4.5.4
Seamless Burst Write: WL= 1, BL = 4, tCCD = 2
CK_t / CK_c
CA0-9
[Cmd]
Nop
Write
Nop
Nop
Nop
Nop
Nop
Nop
Write
DQS_c
DQS
WL=1
Bank M
Col Addr A Col Addr A
DIN A0
DIN A1
DIN A2
DIN A3
T0
T1
T2
T3
T4
T5
T6
T7
T8
tCCD = 2
Bank N
Col Addr B Col Addr B
DIN B0
DIN B1
DIN B2
DIN B3
DQS_t
Note:
The seamless burst write operation is supported by enabling a write command every other clock for BL = 4 operation, every four clocks for
BL = 8 operation, or every eight clocks for BL = 16 operation. This operation is allowed regardless of same or different banks as long as the
banks are activated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com