Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 57 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 57 Page - Winbond

Back Button W97AH6KB Datasheet HTML 53Page - Winbond W97AH6KB Datasheet HTML 54Page - Winbond W97AH6KB Datasheet HTML 55Page - Winbond W97AH6KB Datasheet HTML 56Page - Winbond W97AH6KB Datasheet HTML 57Page - Winbond W97AH6KB Datasheet HTML 58Page - Winbond W97AH6KB Datasheet HTML 59Page - Winbond W97AH6KB Datasheet HTML 60Page - Winbond W97AH6KB Datasheet HTML 61Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 57 -
7.4.20.2 Read to MRR Timing Example: RL = 3, tMRR = 2
CMD not allowed
T0
T1
T2
T3
T4
T5
T6
T7
T8
CA0-9
[Cmd]
DQ[0-7]
DQ[8-max]
BL / 2
tMRR = 2
RL = 3
BA M
Col Addr A
Reg B
Reg B
Read
MRR
DOUT A0
DOUT B
UNDEF
UNDEF
UNDEF
UNDEF
UNDEF
UNDEF
UNDEF
Col Addr A
DOUT A1
DOUT A2
DOUT A3
DOUT A0
DOUT A1
DOUT A2
DOUT A3
CK_t / CK_c
DQS_c
DQS_t
Notes:
1. The minimum number of clocks from the burst read command to the Mode Register Read command is BL/2.
2. The Mode Register Read Command period is tMRR. No command (other than Nop) is allowed during this period.
7.4.20.3 Burst Write Followed by MRR: RL = 3, WL = 1, BL = 4
T0
T1
T2
T3
T4
T5
T6
T7
T8
CA0-9
[Cmd]
BA N
Col Addr A
Reg B
Reg B
Write
MRR
Col Addr A
DIN A0
DIN A1
DIN A2
DIN A3
CMD not allowed
WL = 1
tWTR
RL = 3
tMRR = 2
CK_t / CK_c
DQS_c
DQS_t
Notes:
1. The minimum number of clock cycles from the burst write command to the Mode Register Read command is [WL + 1 + BL/2 + RU( tWTR/tCK)].
2. The Mode Register Read Command period is tMRR. No command (other than Nop) is allowed during this period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com