Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 71 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 71 Page - Winbond

Back Button W97AH6KB Datasheet HTML 67Page - Winbond W97AH6KB Datasheet HTML 68Page - Winbond W97AH6KB Datasheet HTML 69Page - Winbond W97AH6KB Datasheet HTML 70Page - Winbond W97AH6KB Datasheet HTML 71Page - Winbond W97AH6KB Datasheet HTML 72Page - Winbond W97AH6KB Datasheet HTML 73Page - Winbond W97AH6KB Datasheet HTML 74Page - Winbond W97AH6KB Datasheet HTML 75Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 71 -
The contents of the SDRAM may be lost upon entry into Deep Power-Down mode.
The Deep Power-Down state is exited when CKE and CS_n are registered HIGH, while meeting tISCKE with a stable
clock input. The SDRAM must be fully re-initialized by controller as described in the Power up initialization
Sequence. The SDRAM is ready for normal operation after the initialization sequence.
7.4.26.1 Deep Power Down Entry and Exit Timing
2
tCK (min)
tDPD
tISCKE
tIHCKE
NOP
Enter
DPD
NOP
Reset
Exit
DPD
Input clock frequency may be changed
or the input clock stopped during Deep Power-Down
Enter Deep Power-Down mode
Exit Deep Power-Down mode
tISCKE
CKE
[Cmd]
CS_n
NOP
tINIT3 = 200 μs (min)
NOP
Tc
CK_c
CK_t
tRP
Notes:
1. Initialization sequence may start at any time after TC.
2.
tINIT3 and TC refer to timings in the LPDDR2 initialization sequence. For more detail, see section 7.2 “Power-up, Initialization, and Power-
Off
”.
3. Input clock frequency may be changed or the input clock stopped during deep power-down, provided that upon exiting deep power-down, the
clock is stable and within specified limits for a minmum of 2 clock cycles prior to deep power-down exit and the clock frequency is between the
minimum and maximum frequency for the particular speed grade.
7.4.27 Input Clock Stop and Frequency Change
LPDDR2 devices support input clock frequency change during CKE LOW under the following conditions:
• tCK(abs)min is met for each clock cycle;
• Refresh Requirements apply during clock frequency change;
• During clock frequency change, only REFab or REFpb commands may be executing;
• Any Activate, or Precharge commands have executed to completion prior to changing the frequency;
• The related timing conditions (tRCD, tRP) have been met prior to changing the frequency;
• The initial clock frequency shall be maintained for a minimum of 2 clock cycles after CKE goes LOW;
• The clock satisfies tCH(abs) and tCL(abs) for a minimum of 2 clock cycles prior to CKE going HIGH.
After the input clock frequency is changed and CKE is held HIGH, additional MRW commands may be required to
set the WR, RL etc. These settings may need to be adjusted to meet minimum timing requirements at the target
clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com