Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 43 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 43 Page - Winbond

Back Button W97AH6KB Datasheet HTML 39Page - Winbond W97AH6KB Datasheet HTML 40Page - Winbond W97AH6KB Datasheet HTML 41Page - Winbond W97AH6KB Datasheet HTML 42Page - Winbond W97AH6KB Datasheet HTML 43Page - Winbond W97AH6KB Datasheet HTML 44Page - Winbond W97AH6KB Datasheet HTML 45Page - Winbond W97AH6KB Datasheet HTML 46Page - Winbond W97AH6KB Datasheet HTML 47Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 43 -
7.4.12 Auto Precharge Operation
Before a new row in an active bank can be opened, the active bank must be precharged using either the Precharge
command or the auto-precharge function. When a Read or a Write command is given to the LPDDR2 SDRAM, the
AP bit (CA0f) may be set to allow the active bank to automatically begin precharge at the earliest possible moment
during the burst read or write cycle.
If AP is LOW when the Read or Write command is issued, then normal Read or Write burst operation is executed
and the bank remains active at the completion of the burst.
If AP is HIGH when the Read or Write command is issued, then the auto-precharge function is engaged. This feature
allows the precharge operation to be partially or completely hidden during burst read cycles (dependent upon Read
or Write latency) thus improving system performance for random data access.
7.4.13 Burst Read with Auto-Precharge
If AP (CA0f) is HIGH when a Read Command is issued, the Read with Auto-Precharge function is engaged.
LPDDR2-S4 devices start an Auto-Precharge operation on the rising edge of the clock BL/2 or BL/2 - 2 +
RU(tRTP/tCK) clock cycles later than the Read with AP command, whichever is greater. Refer to section 7.4.14.2
“Precharge & Auto Precharge Clarification” table for equations related to Auto-Precharge for LPDDR2-S4.
A new bank Activate command may be issued to the same bank if both of the following two conditions are satisfied
simultaneously.
■ The RAS precharge time (tRP) has been satisfied from the clock at which the auto precharge begins.
■ The RAS cycle time (tRC) from the previous bank activation has been satisfied.
7.4.13.1 Burst Read with Auto-Precharge: RL = 3, BL = 4, RU(tRTP(min)/tCK) = 2
CA0-9
[Cmd]
Nop
Nop
Nop
Nop
Nop
Nop
Activate
Nop
Read
DQS
RL = 3
Bank M
Col Addr A Col Addr A
DOUT A0
DOUT A1
T0
T1
T2
T3
T4
T5
T6
T7
T8
DOUT A2
DOUT A3
Bank M
Row Addr Row Addr
BL / 2
tRTP
>=tRPpb
CK_t / CK_c
DQS_c
DQS_t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com