Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 33 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 33 Page - Winbond

Back Button W97AH6KB Datasheet HTML 29Page - Winbond W97AH6KB Datasheet HTML 30Page - Winbond W97AH6KB Datasheet HTML 31Page - Winbond W97AH6KB Datasheet HTML 32Page - Winbond W97AH6KB Datasheet HTML 33Page - Winbond W97AH6KB Datasheet HTML 34Page - Winbond W97AH6KB Datasheet HTML 35Page - Winbond W97AH6KB Datasheet HTML 36Page - Winbond W97AH6KB Datasheet HTML 37Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 33 -
7.4.3.8
Burst Read Followed by Burst Write: RL = 3, WL = 1, BL = 4
CK_t / CK_c
CA0-9
[Cmd]
Nop
Nop
Nop
Nop
Nop
Write
Nop
Nop
Read
T0
T1
T2
T3
T4
T5
T6
T7
T8
DQS_c
DQS
tDQSCK
RL = 3
Bank A
Col Addr
Col Addr
DOUT A0
DOUT A1
DOUT A2
DOUT A3
DIN A0
DIN A1
DIN A2
WL=1
tDQSSmin
BL / 2
Bank A
Col Addr
Col Addr
DQS_t
The minimum time from the burst read command to the burst write command is defined by the Read Latency (RL)
and the Burst Length (BL). Minimum read to write latency is RL + RU(tDQSCKmax/tCK) + BL/2 + 1 - WL clock cycles.
Note that if a read burst is truncated with a Burst Terminate (BST) command, the effective burst length of the
truncated read burst should be used as “BL” to calculate the minimum read to write delay.
7.4.3.9
Seamless Burst Read: RL = 3, BL= 4, tCCD = 2
CK_t / CK_c
CA0-9
[Cmd]
Nop
Read
Nop
Nop
Nop
Nop
Nop
Nop
Read
DQS_c
DQS
RL = 3
Bank N
Col Addr A Col Addr A
DOUT A0
T0
T1
T2
T3
T4
T5
T6
T7
T8
tCCD = 2
Bank N
Col Addr B Col Addr B
DQS_t
DOUT A1
DOUT A2
DOUT A3
DOUT B0
DOUT B1
DOUT B2
DOUT B3
The seamless burst read operation is supported by enabling a read command at every other clock for BL = 4
operation, every 4 clocks for BL = 8 operation, and every 8 clocks for BL=16 operation.
For LPDDR2-SDRAM, this operation is allowed regardless of whether the accesses read the same or different banks
as long as the banks are activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com