Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 70 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 70 Page - Winbond

Back Button W97AH6KB Datasheet HTML 66Page - Winbond W97AH6KB Datasheet HTML 67Page - Winbond W97AH6KB Datasheet HTML 68Page - Winbond W97AH6KB Datasheet HTML 69Page - Winbond W97AH6KB Datasheet HTML 70Page - Winbond W97AH6KB Datasheet HTML 71Page - Winbond W97AH6KB Datasheet HTML 72Page - Winbond W97AH6KB Datasheet HTML 73Page - Winbond W97AH6KB Datasheet HTML 74Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 70 -
7.4.25.11 Mode Register Read to Power-Down Entry
T0
T1
T2
Tx
Tx+1
Tx+2
Tx+9
Tx+3
Tx+4
Tx+5
Tx+6
Tx+7
Tx+8
RL
tISCKE
MRR
Q
Q
Q
Q
Mode Register Read operation starts with a MRR command and
CKE should be kept HIGH until the end of burst operation.
CK_c
CK_t
DQS_t
DQS_c
[Cmd]
CKE
DQ
Note:
CKE may be registered LOW RL + RU(tDQSCK(MAX)/tCK)+ BL/2 + 1 clock cycles after the clock on which the Mode Register Read command is
registered.
7.4.25.12 MRW Command to Power-Down Entry
T0
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
T11
MRW
tISCKE
CKE can go to LOW tMRW after a Mode Register Write command
CKE
[Cmd]
tMRW
CK_c
CK_t
Note:
CKE may be registered LOW tMRW after the clock on which the Mode Register Write command is registered.
7.4.26 Deep Power-Down
Deep Power-Down is entered when CKE is registered LOW with CS_n LOW, CA0 HIGH, CA1 HIGH, and CA2 LOW
at the rising edge of clock. A NOP command must be driven in the clock cycle following the power-down command.
CKE is not allowed to go LOW while mode register, read, or write operations are in progress. All banks must be in
idle state with no activity on the data bus prior to entering the Deep Power Down mode. During Deep Power-Down,
CKE must be held LOW.
In Deep Power-Down mode, all input buffers except CKE, all output buffers, and the power supply to internal circuitry
may be disabled within the SDRAM. All power supplies must be within specified limits prior to exiting Deep Power-
Down. VrefDQ and VrefCA may be at any level within minimum and maximum levels (See 8.1
“Absolute Maximum
DC Ratings
”). However prior to exiting Deep Power-Down, Vref must be within specified limits (See 8.2.1.1
“Recommended DC Operating Conditions”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com