Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 40 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 40 Page - Winbond

Back Button W97AH6KB Datasheet HTML 36Page - Winbond W97AH6KB Datasheet HTML 37Page - Winbond W97AH6KB Datasheet HTML 38Page - Winbond W97AH6KB Datasheet HTML 39Page - Winbond W97AH6KB Datasheet HTML 40Page - Winbond W97AH6KB Datasheet HTML 41Page - Winbond W97AH6KB Datasheet HTML 42Page - Winbond W97AH6KB Datasheet HTML 43Page - Winbond W97AH6KB Datasheet HTML 44Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 40 -
7.4.9
Precharge Operation
The Precharge command is used to precharge or close a bank that has been activated. The Precharge command is
initiated by having CS_n LOW, CA0 HIGH, CA1 HIGH, CA2 LOW, and CA3 HIGH at the rising edge of the clock.
The Precharge Command can be used to precharge each bank independently or all banks simultaneously. For 8-
bank devices, the AB flag, and the bank address bits, BA0, BA1, and BA2 are used to determine which bank(s) to
precharge. The bank(s) will be available for a subsequent row access tRPab after an All-Bank Precharge command is
issued and tRPpb after a Single-Bank Precharge command is issued.
In order to ensure that 8-bank devices do not exceed the instantaneous current supplying capability of 4-bank
devices, the Row Precharge time (tRP) for an All-Bank Precharge for 8-bank devices (tRPab) will be longer than the
Row Precharge time for a Single-Bank Precharge (tRPpb).
7.4.9.1
Bank Selection for Precharge by Address Bits
AB (CA4r)
BA2 (CA9r)
BA1 (CA8r)
BA0 (CA7r)
Precharged Bank(s)
8-bank device
0
0
0
0
Bank 0 only
0
0
0
1
Bank 1 only
0
0
1
0
Bank 2 only
0
0
1
1
Bank 3 only
0
1
0
0
Bank 4 only
0
1
0
1
Bank 5 only
0
1
1
0
Bank 6 only
0
1
1
1
Bank 7 only
1
DON’T CARE
DON’T CARE
DON’T CARE
All Banks
7.4.10 Burst Read Operation Followed by Precharge
For the earliest possible precharge, the precharge command may be issued BL/2 clock cycles after a Read
command. For an untruncated burst, BL is the value from the Mode Register. For a truncated burst, BL is the
effective burst length. A new bank active (command) may be issued to the same bank after the Row Precharge time
(tRP). A precharge command cannot be issued until after tRAS is satisfied.
For LPDDR2-S4 devices, the minimum Read to Precharge spacing has also to satisfy a minimum analog time from
the rising clock edge that initiates the last 4-bit prefetch of a Read command. This time is called tRTP (Read to
Precharge).
For LPDDR2-S4 devices, tRTP begins BL/2 - 2 clock cycles after the Read command. If the burst is truncated by a
BST command or a Read command to a different bank
, the effective “BL” shall be used to calculate when tRTP
begins.
See 7.4.14.2
“Precharge & Auto Precharge Clarification” table for Read to Precharge timings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com