Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 61 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 61 Page - Winbond

Back Button W97AH6KB Datasheet HTML 57Page - Winbond W97AH6KB Datasheet HTML 58Page - Winbond W97AH6KB Datasheet HTML 59Page - Winbond W97AH6KB Datasheet HTML 60Page - Winbond W97AH6KB Datasheet HTML 61Page - Winbond W97AH6KB Datasheet HTML 62Page - Winbond W97AH6KB Datasheet HTML 63Page - Winbond W97AH6KB Datasheet HTML 64Page - Winbond W97AH6KB Datasheet HTML 65Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 61 -
7.4.22 Mode Register Write Command
The Mode Register Write command is used to write configuration data to mode registers. The Mode Register Write
(MRW) command is initiated by having CS_n LOW, CA0 LOW, CA1 LOW, CA2 LOW, and CA3 LOW at the rising
edge of the clock. The mode register is selected by {CA1f-CA0f, CA9r-CA4r}. The data to be written to the mode
register is contained in CA9f-CA2f. The MRW command period is defined by tMRW. Mode Register Writes to read-
only registers shall have no impact on the functionality of the device.
For LPDDR2-S4 devices, the MRW may only be issued when all banks are in the idle precharge state. One method
of ensuring that the banks are in the idle precharge state is to issue a Precharge-All command.
7.4.22.1 Mode Register Write Timing Example: RL = 3, tMRW = 5
CMD not allowed
CA0-9
[Cmd]
CK_t / CK_c
T2
T1
T0
Tx
Tx + 1
Tx + 2
Ty + 1
Ty + 2
Ty
MRW
MRW
ANY
MR Addr MR Data
MR Data
MR Addr
tMRW
tMRW
Notes:
1. The Mode Register Write Command period is tMRW. No command (other than Nop) is allowed during this period.
2. At time Ty, the device is in the idle state.
7.4.22.2 Truth Table for Mode Register Read (MRR) and Mode Register Write (MRW)
Current State
Command
Intermediate State
Next State
All Banks Idle
MRR
Mode Register Reading (All Banks Idle)
All Banks Idle
MRW
Mode Register Writing (All Banks Idle)
All Banks Idle
MRW (RESET)
Resetting (Device Auto-Initialization)
All Banks Idle
Bank(s) Active
MRR
Mode Register Reading (Bank(s) Active)
Bank(s) Active
MRW
Not Allowed
Not Allowed
MRW (RESET)
Not Allowed
Not Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com