Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 46 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 46 Page - Winbond

Back Button W97AH6KB Datasheet HTML 42Page - Winbond W97AH6KB Datasheet HTML 43Page - Winbond W97AH6KB Datasheet HTML 44Page - Winbond W97AH6KB Datasheet HTML 45Page - Winbond W97AH6KB Datasheet HTML 46Page - Winbond W97AH6KB Datasheet HTML 47Page - Winbond W97AH6KB Datasheet HTML 48Page - Winbond W97AH6KB Datasheet HTML 49Page - Winbond W97AH6KB Datasheet HTML 50Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 46 -
7.4.15 Refresh Command
The Refresh command is initiated by having CS_n LOW, CA0 LOW, CA1 LOW, and CA2 HIGH at the rising edge of
clock. Per Bank Refresh is initiated by having CA3 LOW at the rising edge of clock and All Bank Refresh is initiated
by having CA3 HIGH at the rising edge of clock. Per Bank Refresh is only allowed in devices with 8 banks.
A Per Bank Refresh command, REFpb performs a refresh operation to the bank which is scheduled by the bank
counter in the memory device. The bank sequence of Per Bank Refresh is fixed to be a sequential round-robin:
“0-1-2-3-4-5-6-7-0-1-...”. The bank count is synchronized between the controller and the SDRAM upon issuing a
RESET command or at every exit from self refresh, by resetting bank count to zero. The bank addressing for the Per
Bank Refresh count is the same as established in the single-bank Precharge command (See 7.4.9.1
“Bank
Selection for Precharge by Address Bits
” table).
A bank must be idle before it can be refreshed. It is the responsibility of the controller to track the bank being
refreshed by the Per Bank Refresh command.
As shown in 7.4.15.1
“Command Scheduling Separations Related to Refresh” table, the REFpb command may
not be issued to the memory until the following conditions have been met:
a) The tRFCab has been satisified after the prior REFab command
b) The tRFCpb has been satisified after the prior REFpb command
c)
The tRP has been satisified after prior Precharge commands to that given bank
The tRRD has been satisfied after the prior ACTIVATE command (if applicable, for example after activating a row in a
different bank than affected by the REFpb command).
The target bank is inaccessable during the Per Bank Refresh cycle time (tRFCpb), however other banks within the
device are accessable and may be addressed during the Per Bank Refresh cycle. During the REFpb operation, any
of the banks other than the one being refreshed can be maintained in active state or accessed by a read or a write
command.
When the Per Bank refresh cycle has completed, the affected bank will be in the Idle state.
As shown in 7.4.15.1
“Command Scheduling Separations Related to Refresh” table, after issuing REFpb:
a) The tRFCpb must be satisified before issuing a REFab command
b) The tRFCpb must be satisfied before issuing an ACTIVATE command to the same bank
c)
The tRRD must be satisified before issuing an ACTIVATE command to a different bank
d) The tRFCpb must be satisified before issuing another REFpb command
An All Bank Refresh command, REFab performs a refresh operation to all banks. All banks have to be in Idle state
when REFab is issued (for instance, by Precharge all-bank command). REFab also synchronizes the bank count
between the controller and the SDRAM to zero.
As shown in 7.4.15.1
“Command Scheduling Separations Related to Refresh” table, the REFab command may
not be issued to the memory until the following conditions have been met:
a) The tRFCab has been satisified after the prior REFab command
b) The tRFCpb has been satisified after the prior REFpb command
c)
The tRP has been satisified after prior Precharge commands
When the All Bank refresh cycle has completed, all banks will be in the Idle state.
As shown in 7.4.15.1
“Command Scheduling Separations Related to Refresh” table, after issuing REFab:
a) The tRFCab latency must be satisfied before issuing an ACTIVATE command
b) The tRFCab latency must be satisfied before issuing a REFab or REFpb command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com