Electronic Components Datasheet Search
  English  ▼

X  

W97AH6KB Datasheet(PDF) 119 Page - Winbond

Part # W97AH6KB
Description  Four-bit prefetch DDR architecture
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W97AH6KB Datasheet(HTML) 119 Page - Winbond

Back Button W97AH6KB Datasheet HTML 115Page - Winbond W97AH6KB Datasheet HTML 116Page - Winbond W97AH6KB Datasheet HTML 117Page - Winbond W97AH6KB Datasheet HTML 118Page - Winbond W97AH6KB Datasheet HTML 119Page - Winbond W97AH6KB Datasheet HTML 120Page - Winbond W97AH6KB Datasheet HTML 121Page - Winbond W97AH6KB Datasheet HTML 122Page - Winbond W97AH6KB Datasheet HTML 123Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 127 page
background image
W97AH6KB / W97AH2KB
Publication Release Date: May 15, 2014
Revision: A01-001
- 119 -
8.7.3
Data Setup, Hold and Slew Rate Derating
For all input signals (DQ, DM) the total tDS (setup time) and tDH (hold time) required is calculated by adding the data
sheet tDS(base) and tDH(base) value (see 8.7.3.1
“Data Setup and Hold Base-Values” table) to the ΔtDS and ΔtDH
(see 8.7.3.2
“Derating Values LPDDR2 tDS/tDH - AC/DC Based AC220” table) derating value respectively.
Example: tDS (total setup time) = tDS(base) +
ΔtDS.
Setup (tDS) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of VREF(dc) and
the first crossing of VIH(ac)min. Setup (tDS) nominal slew rate for a falling signal is defined as the slew rate between
the last crossing of VREF(dc) and the first crossing of VIL(ac)max (see 8.7.3.4
“Nominal Slew Rate and tVAC for
Setup Time tDS for DQ with Respect to Strobe
” figure). If the actual signal is always earlier than the nominal slew
rate l
ine between shaded ‘VREF(dc) to ac region’, use nominal slew rate for derating value. If the actual signal is later
than the nominal slew rate line anywhere between shaded ‘VREF(dc) to ac region’, the slew rate of a tangent line to
the actual signal from the ac level to dc level is used for derating value (see 8.7.3.6
“Tangent Line for Setup Time
tDS for DQ with Respect to Strobe
” figure).
Hold (tDH) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of VIL(dc)max and
the first crossing of VREF(dc). Hold (tDH) nominal slew rate for a falling sig5nal is defined as the slew rate between the
last crossing of VIH(dc)min and the first crossing of VREF(dc) (see 8.7.3.5
“Nominal Slew Rate for Hold time tDH for
DQ with Respect to Strobe
” figure). If the actual signal is always later than the nominal slew rate line between
shaded ‘dc level to VREF(dc) region’, use nominal slew rate for derating value. If the actual signal is earlier than the
nominal slew rate line anywhere between shaded ‘dc to VREF(dc) region’, the slew rate of a tangent line to the actual
signal from the dc level to VREF(dc) level is used for derating value (see 8.7.3.7
“Tangent Line for Hold Time tDH
for DQ with Respect to Strobe
” figure).
For a valid transition the input signal has to remain above/below VIH/IL(ac) for some time tVAC (see 8.7.3.3
“Required
Time tVAC above VIH(ac) {below VIL(ac)} for Valid Transition
” table).
Although for slow slew rates the total setup time might be negative (i.e. a valid input signal will not have reached
VIH/IL(ac) at the time of the rising clock transition) a valid input signal is still required to complete the transition and
reach VIH/IL(ac).
For slew rates in between the values listed in 8.7.3.2
“Derating Values LPDDR2 tDS/tDH - AC/DC Based AC220”
table, the derating values may obtained by linear interpolation. These values are typically not subject to production
test. They are verified by design and characterization.
8.7.3.1
Data Setup and Hold Base-Values
Unit [pS]
LPDDR2-1066
LPDDR2-800
reference
tDS(base)
-10
50
VIH/L(ac) = VREF(dc) ± 220mV
tDH(base)
80
140
VIH/L(dc) = VREF(dc) ± 130mV
Note: ac/dc referenced for 1V/nS DQ,DM slew rate and 2V/nS differential DQS_t-DQS_c slew rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com