Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 22 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 22 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 18Page - PMC-Sierra, Inc PM7345 Datasheet HTML 19Page - PMC-Sierra, Inc PM7345 Datasheet HTML 20Page - PMC-Sierra, Inc PM7345 Datasheet HTML 21Page - PMC-Sierra, Inc PM7345 Datasheet HTML 22Page - PMC-Sierra, Inc PM7345 Datasheet HTML 23Page - PMC-Sierra, Inc PM7345 Datasheet HTML 24Page - PMC-Sierra, Inc PM7345 Datasheet HTML 25Page - PMC-Sierra, Inc PM7345 Datasheet HTML 26Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
8
Figure 2
- DS1 and E1 User Network Interface
RAS
REF
RRC
TC
TAP
TAN
XCLK
BRPCM
BRFPO
RCLKO
BTPCM
BTFP
BTCLK
TCLKO
TCLKI
PM4341A/PM6341
T1XC/E1XC
DS1 or E1
Transceiver
PM7345
S/UNI-PDH
SATURN
User-Network
Interface for
PDH
RPOS/RDAT
RNEG/ROHM
RCLK
TIOHM
C13/CADD
TPOS/TDAT
TNEG/TOHM
TCLK
TICLK
TCELL
RCELL
A[7:0]
D[7:0]
ALE
RDB
WRB
CSB
RSTB
AD[15:0]
ALE
RDB
WRB
RESB
INT
From Master
reset circuitry
From chip select
decode circuitry
+5V
AD[15:0]
ALE
RDB
WRB
RESB
INT
OSC
37.056 MHz (DS1)
49.152 MHz (E1)
RX
CELL
INTERFACE
TX
CELL
INTERFACE
Optional
PLCP
Overhead
Processor
( eg. tester
application )
Intel/
Motorola
Single Chip
µP
ATM/SMDS
Adaptation
Layer
Processor
(eg. SAR or
policing
functions)
RRDENB
FRDB/RFCLK
RSOC
REOH
REOC
FRDATA[7:0]
RFIFOE/RCA
TWRENB
FWRB/TFCLK
TSOC
FWDATA[7:0]
TFIFOFB/TCA
TPOHCLK
TPOHFP
TPOHINS
TPOH
RPOHCLK
RPOHFP
RPOH
TOHCLK
TOHFP
TOHINS
TOH
ROHCLK
ROHFP
ROH
INTB
DS1
1.544 MHz
E1
2.048 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com