Electronic Components Datasheet Search
  English  ▼

X  

PM7345 Datasheet(PDF) 16 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 16 Page - PMC-Sierra, Inc

Back Button PM7345 Datasheet HTML 12Page - PMC-Sierra, Inc PM7345 Datasheet HTML 13Page - PMC-Sierra, Inc PM7345 Datasheet HTML 14Page - PMC-Sierra, Inc PM7345 Datasheet HTML 15Page - PMC-Sierra, Inc PM7345 Datasheet HTML 16Page - PMC-Sierra, Inc PM7345 Datasheet HTML 17Page - PMC-Sierra, Inc PM7345 Datasheet HTML 18Page - PMC-Sierra, Inc PM7345 Datasheet HTML 19Page - PMC-Sierra, Inc PM7345 Datasheet HTML 20Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
2
• Available in a high density 100-pin PQFP package, or in an 84-pin PLCC package
which is pin-compatible with the PMC-Sierra PM7321 PLPP standard product.
The receiver section:
• Provides frame synchronization for the M23 or C-bit parity DS3 applications,
alarm detection, and accumulates line code violations, framing errors, parity
errors, path parity errors and FEBE events. In addition, far end alarm channel
codes are detected, and an integral HDLC receiver is provided to terminate the
path maintenance data link.
• Provides frame synchronization for the G.751 or G.832 E3 applications, alarm
detection, and accumulates line code violations, framing errors, parity errors, and
FEBE events. In addition, in G.832, the Trail Trace is detected, and an integral
HDLC receiver is provided to terminate either the Network Requirement or the
General Purpose data link.
• Provides frame synchronization, path overhead extraction, and cell extraction for
DS1 PLCP, DS3 PLCP, E1 PLCP, G.751 E3 PLCP formats, or G.832 formatted
streams.
• Provides detection of yellow alarm and loss of frame (LOF), and accumulates
BIP-8 errors, framing errors and FEBE events.
• Provides ATM framing using cell delineation.
• Provides cell descrambling, header check sequence (HCS) error detection,
idle/unassigned cell filtering, and accumulates the number of received
idle/unassigned cells, the number of received cells written to the FIFO, and the
number of HCS errors.
• Provides a four cell FIFO for rate decoupling between the line, and a higher layer
processing entity. This FIFO may be bypassed to minimize the delay through the
device when processing PLCP frames.
• Provides an asynchronous 8-bit wide FIFO interface for accessing received cell
data bytes (available in either 84-pin PLCC or 100-pin PQFP packages).
• Provides a synchronous 8-bit wide FIFO with receive byte parity generation and
compatible timing with current “UTOPIA” specifications for single PHY and multi-
PHY interfaces (available only in the 100-pin PQFP package).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com